Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7141-2A-A Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS7141-2A-A
Description  8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7141-2A-A Datasheet(HTML) 1 Page - California Eastern Labs

  PS7141-2A-A Datasheet HTML 1Page - California Eastern Labs PS7141-2A-A Datasheet HTML 2Page - California Eastern Labs PS7141-2A-A Datasheet HTML 3Page - California Eastern Labs PS7141-2A-A Datasheet HTML 4Page - California Eastern Labs PS7141-2A-A Datasheet HTML 5Page - California Eastern Labs PS7141-2A-A Datasheet HTML 6Page - California Eastern Labs PS7141-2A-A Datasheet HTML 7Page - California Eastern Labs PS7141-2A-A Datasheet HTML 8Page - California Eastern Labs PS7141-2A-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
8-PIN DIP, 400 V BREAK DOWN VOLTAGE
2-ch Optical Coupled MOS FET
Solid State Relay
OCMOS FET
PS7141-2A,PS7141L-2A
DESCRIPTION
The PS7141-2A and PS7141L-2A are solid state relays containing GaAs LEDs on the light emitting side (input side)
and MOS FETs on the output side.
They are suitable for analog signal control because of their low offset and high linearity.
The PS7141L-2A has a surface mount type lead.
FEATURES
• 2 channel type (1 a + 1 a output)
• Low LED operating current (IF = 2 mA)
• Designed for AC/DC switching line changer
• Small package (8-pin DIP)
• Low offset voltage
• PS7141L-2A: Surface mount type
• UL approved: File No. E72422 (S)
• BSI approved: No. 8245/8246
• CSA approved: No. CA 101391
APPLICATIONS
• Exchange equipment
• Measurement equipment
• FA/OA equipment
Document No. PN10281EJ01V1DS (1st edition)
(Previous No. P11558EJ7V0DS00)
Date Published February 2003 CP(K)
The mark
shows major revised points.


Similar Part No. - PS7141-2A-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7141-2A NEC-PS7141-2A Datasheet
46Kb / 6P
   8 PIN DIP 400 V BREAKDOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET
logo
Renesas Technology Corp
PS7141-2A RENESAS-PS7141-2A Datasheet
221Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE ORMALLY OPEN TYPE
PS7141-2A RENESAS-PS7141-2A Datasheet
227Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
PS7141-2A RENESAS-PS7141-2A_15 Datasheet
227Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7141-2A-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7142-2A CEL-PS7142-2A Datasheet
339Kb / 11P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7141-1C CEL-PS7141-1C Datasheet
368Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
NEC
PS7142-1C NEC-PS7142-1C Datasheet
75Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-1C RENESAS-PS7141-1C Datasheet
264Kb / 16P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
PS7142-1C RENESAS-PS7142-1C Datasheet
263Kb / 16P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7160-2A NEC-PS7160-2A Datasheet
72Kb / 6P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7111-2A NEC-PS7111-2A Datasheet
71Kb / 12P
   8-PIN DIP, 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7141E-2A NEC-PS7141E-2A Datasheet
104Kb / 13P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-2A RENESAS-PS7141-2A_15 Datasheet
227Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
PS7141E-2A RENESAS-PS7141E-2A_15 Datasheet
228Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com