Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS8855-17PH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS8855-17PH
Description  500mA LDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8855-17PH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS8855-17PH Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8855-17PH Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8855-17PH Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8855-17PH Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8855-17PH Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8855-17PH Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8855-17PH Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8855-17PH Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8855-17PH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FS8855
500mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
1/13
TD-0405007
Rev. 1.4
http://www.fsc.com.tw
FAX: +886-2-2809-4874
G
Geen
neerraall D
Deessccrriip
pttiioon
n
The FS8855 is a low-dropout linear regulator that
operations in the input voltage range from +2.5V to
+9.0V and delivers 500mA output current.
The high-accuracy output voltage is preset at an
internally trimmed voltage 2.5V or 3.3V. Other output
voltages can be mask-optioned from 1.3V to 4.5V
with 100mV increment, except FS8855-29Cx which
has 2.85V output voltage.
The FS8855 consists of a 1.25V bandgap reference,
an error amplifier, and a P-channel pass transistor.
Other features include short-circuit protection and
thermal shutdown protection. The FS8855 devices are
available in TO-92, SOT-89 and SOT-223 packages.
F
Feeaattu
urreess
Low dropout voltage 650mV at 500mA (Typ.)
Up to ±35mV output voltage accuracy (VIN
7V)
Preset at 2.5V, 3.3V
Mask options from 1.3V to 4.5V
Small output capacitor
Output current limit
Thermal overload shutdown protection
TO-92, SOT-89 and SOT-223 Package
A
Ap
pp
plliiccaattiioon
nss
CD-ROM Drivers
DVD-ROM Drivers
Portable Consumer Equipment
Radio Control Systems
Wireless Communication Systems
O
Orrd
deerriin
ngg IIn
nffoorrm
maattiioon
n
FS8855-xx x x
Package
Pin Out
D:TO-92
1.IN
2.GND 3.OUT
E:TO-92
1.GND 2.IN
3.OUT
F:TO-92
1.OUT 2.GND 3.IN
W:TO-92
1.GND 2.OUT 3.IN
G:SOT-223 1.IN
2.GND 3.OUT
H:SOT-223 1.GND 2.IN
3.OUT
J:SOT-223
1.GND 2.OUT 3.IN
X:SOT-223 1.OUT 2.GND 3.IN
K:SOT-89
1.IN
2.GND 3.OUT
L:SOT-89
1.GND 2.IN
3.OUT
I:SOT-89
1.OUT 2.GND 3.IN
Y:SOT-89
1.GND 2.OUT 3.IN
Temperature Range
C:Commercial Standard
P : Commercial Standard, Lead(Pb) Free and
Phosphorous(P) Free Package
Output Voltage
13 : 1.3V
26 : 2.6V
39 : 3.9V
14 : 1.4V
27 : 2.7V
40 : 4.0V
15 : 1.5V
28 : 2.8V
41 : 4.1V
16 : 1.6V
29 : 2.85V
42 : 4.2V
17 : 1.7V
30 : 3.0V
43 : 4.3V
18 : 1.8V
31 : 3.1V
44 : 4.4V
19 : 1.9V
32 : 3.2V
45 : 4.5V
20 : 2.0V
33 : 3.3V
21 : 2.1V
34 : 3.4V
22 : 2.2V
35 : 3.5V
23 : 2.3V
36 : 3.6V
24 : 2.4V
37 : 3.7V
25 : 2.5V
38 : 3.8V
Note : Mask option output types are
available by order only


Similar Part No. - FS8855-17PH

ManufacturerPart #DatasheetDescription
logo
Fortune Semiconductor C...
FS8855-15GI FORTUNE-FS8855-15GI Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
FS8855-15GL FORTUNE-FS8855-15GL Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
FS8855-18GI FORTUNE-FS8855-18GI Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
FS8855-18GL FORTUNE-FS8855-18GL Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
More results

Similar Description - FS8855-17PH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE511 ACE-ACE511 Datasheet
345Kb / 8P
   500mA LDO Linear Voltage Regulator
VER 1.2
logo
E-CMOS Corporation
EC49124 E-CMOS-EC49124 Datasheet
311Kb / 6P
   500mA Super LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
MAX38902C MAXIM-MAX38902C Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902B MAXIM-MAX38902B Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902D MAXIM-MAX38902D Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
Monolithic Power System...
EV2005DD-01B MPS-EV2005DD-01B Datasheet
443Kb / 4P
   500mA Low-Current LDO Linear Regulator EV Board
EV8904DD-00A MPS-EV8904DD-00A Datasheet
226Kb / 4P
   500mA Low-Current LDO Linear Regulator EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com