Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82077AA-1 Datasheet(PDF) 1 Page - Intel Corporation

Part # 82077AA-1
Description  CHMOS SINGLE-CHIP FLOPPY DISK CONTROLLER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82077AA-1 Datasheet(HTML) 1 Page - Intel Corporation

  82077AA-1 Datasheet HTML 1Page - Intel Corporation 82077AA-1 Datasheet HTML 2Page - Intel Corporation 82077AA-1 Datasheet HTML 3Page - Intel Corporation 82077AA-1 Datasheet HTML 4Page - Intel Corporation 82077AA-1 Datasheet HTML 5Page - Intel Corporation 82077AA-1 Datasheet HTML 6Page - Intel Corporation 82077AA-1 Datasheet HTML 7Page - Intel Corporation 82077AA-1 Datasheet HTML 8Page - Intel Corporation 82077AA-1 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
May 1994
Order Number 290166-007
82077AA
CHMOS SINGLE-CHIP FLOPPY DISK CONTROLLER
Y
Single-Chip Floppy Disk Solution
100% PC AT Compatible
100% PS2 Compatible
100% PS2 Model 30 Compatible
Integrated Drive and Data Bus
Buffers
Y
Integrated Analog Data Separator
250 Kbitssec
300 Kbitssec
500 Kbitssec
1 Mbitssec
Y
High Speed Processor Interface
Y
Perpendicular Recording Support
Y
Integrated Tape Drive Support
Y
12 mA Host Interface Drivers 40 mA
Disk Drivers
Y
Four Fully Decoded Drive Select and
Motor Signals
Y
Programmable Write Precompensation
Delays
Y
Addresses 256 Tracks Directly
Supports Unlimited Tracks
Y
16 Byte FIFO
Y
68-Pin PLCC
(See Packaging Spec Order
240800 Package Type N)
The 82077AA floppy disk controller has completely integrated all of the logic required for floppy disk control
The 82077AA a 24 MHz crystal a resistor package and a device chip select implements a PC AT or PS2
solution All programmable options default to compatible values The dual PLL data separator has better
performance than most board leveldiscrete PLL implementations The FIFO allows better system perform-
ance in multi-master systems (eg PS2 EISA) The 82077AA is available in three versions82077AA-5
82077AA and 82077AA-1 82077AA-1 has all features listed in this data sheet It supports both tape drives and
4 Mb floppy drives The 82077AA supports 4 Mb floppy drives and is capable of operation at all data rates
through 1 Mbps The 82077AA-5 supports 500300250 Kbps data rates for high and low density floppy
drives
The 82077AA is fabricated with Intel’s CHMOS III technology and is available in a 68-lead PLCC (plastic)
package
290166 – 1
Figure 1 82077AA Pinout
PS2 and PC AT are trademarks of IBM


Similar Part No. - 82077AA-1

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8207 FILTRAN-8207 Datasheet
182Kb / 1P
   T3/DS3/E3/STS-1 Input/Output Transformers
logo
Mallory performance clu...
8207 MALLORY-8207 Datasheet
191Kb / 2P
   MSD Blaster SS Coil
logo
FIBOX Enclosing innovat...
8207050 FIBOX-8207050 Datasheet
48Kb / 1P
   Mounting plate, for enclosures
26.07.2023
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
82078-1 INTEL-82078-1 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
More results

Similar Description - 82077AA-1

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S82078 INTEL-S82078 Datasheet
70Kb / 3P
   82078 CHMOS SINGLE-CHIP FLOPPY DISK CONTROLLER
logo
UMC Corporation
UM8397 UMC-UM8397 Datasheet
1Mb / 17P
   Single-Chip floppy disk controller
UM8388 UMC-UM8388 Datasheet
760Kb / 12P
   Single-Chip floppy disk controller
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com