Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL1103TPBSRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TWL1103TPBSRQ1
Description  VOICE-BAND AUDIO PROCESSOR (VBAP)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TWL1103TPBSRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TWL1103TPBSRQ1 Datasheet HTML 1Page - Texas Instruments TWL1103TPBSRQ1 Datasheet HTML 2Page - Texas Instruments TWL1103TPBSRQ1 Datasheet HTML 3Page - Texas Instruments TWL1103TPBSRQ1 Datasheet HTML 4Page - Texas Instruments TWL1103TPBSRQ1 Datasheet HTML 5Page - Texas Instruments TWL1103TPBSRQ1 Datasheet HTML 6Page - Texas Instruments TWL1103TPBSRQ1 Datasheet HTML 7Page - Texas Instruments TWL1103TPBSRQ1 Datasheet HTML 8Page - Texas Instruments TWL1103TPBSRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
PBS PACKAGE
(TOP VIEW)
31
30
29
28
27
9
10
PCMO
PCMI
DVSS
DVDD
SCL
SDA
NC
NC
PLLVDD
EARVSS
EAR1ON
EARVDD
EAR1OP
EARVSS
EAR2O
AVDD
32
26
11
12
13
14
15
16
25
1
2
3
45
67
8
24 23 22 21 20 19 18 17
NC – No internal connection
TWL1103T-Q1
VOICE-BAND AUDIO PROCESSOR (VBAP
)
SGLS120A – APRIL 2002 – REVISED MAY 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualification in Accordance With
AEC-Q100
D Qualified for Automotive Applications
D Customer-Specific Configuration Control
Can Be Supported Along With
Major-Change Approval
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (CL = 200 pF, RL = 0)
D 2.7-V Operation
D Two Differential Microphone Inputs, One
Differential Earphone Output, and One
Single-Ended Earphone Output
D Programmable Gain Amplifiers for
Transmit, Receive, Sidetone, and Volume
Control
† Contact factory for details. Q100 qualification data available on
request.
D Earphone Mute and Microphone Mute
D On-Chip I2C Bus, Which Provides a Simple,
Standard, Two-Wire Serial Interface With
Digital ICs
D Programmable for 15-Bit Linear Data or
8-Bit Companded (
µ-Law or A-Law) Data
D Available in a 32-Pin Thin Quad Flatpack
(TQFP) Package
D Designed for Analog and Digital Wireless
Handsets and Telecommunications
Applications
D Dual-Tone Multifrequency (DTMF) and
Single Tone Generator
D Pulse Density Modulated (PDM) Buzzer
Output
description
The voice-band audio processor (VBAP) is
designed to perform transmit encoding analog/
digital
(A/D)
conversion,
receive
decoding
digital/analog (D/A) conversion, and transmit and
receive filtering for voice-band communications
systems. The device operates in either the 15-bit
linear or 8-bit companded
(µ-law or A-Law) mode,
which is selectable through the I2C interface. The
VBAP generates its own internal clocks from a
2.048-MHz master clock input.
AVAILABLE OPTIONS
TA
TQFP PBS
PACKAGE
PART NO.
TOP-SIDE
MARKING
–40
°C to
105
°C
Tube
Tape and Reel
TWL1103TPBSQ1
TWL1103TPBSRQ1
TWL1103T
TWL1103T
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
VBAP is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TWL1103TPBSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1103TPBSQ1 TI-TWL1103TPBSQ1 Datasheet
404Kb / 10P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
More results

Similar Description - TWL1103TPBSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1106 TI1-TWL1106 Datasheet
266Kb / 19P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP??
TWL1103 TI1-TWL1103_01 Datasheet
415Kb / 30P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP田?
TWL1107 TI1-TWL1107 Datasheet
265Kb / 19P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP田?
TCM320AC56 TI1-TCM320AC56 Datasheet
332Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAP田?
TWL1103TPBSQ1 TI-TWL1103TPBSQ1 Datasheet
404Kb / 10P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
TWL1101 TI-TWL1101 Datasheet
408Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
TWL1110 TI-TWL1110 Datasheet
496Kb / 37P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1103 TI-TWL1103 Datasheet
388Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1102 TI-TWL1102 Datasheet
387Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com