Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL1103T-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TWL1103T-Q1
Description  VOICE-BAND AUDIO PROCESSOR (VBAP)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TWL1103T-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TWL1103T-Q1 Datasheet HTML 1Page - Texas Instruments TWL1103T-Q1 Datasheet HTML 2Page - Texas Instruments TWL1103T-Q1 Datasheet HTML 3Page - Texas Instruments TWL1103T-Q1 Datasheet HTML 4Page - Texas Instruments TWL1103T-Q1 Datasheet HTML 5Page - Texas Instruments TWL1103T-Q1 Datasheet HTML 6Page - Texas Instruments TWL1103T-Q1 Datasheet HTML 7Page - Texas Instruments TWL1103T-Q1 Datasheet HTML 8Page - Texas Instruments TWL1103T-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TWL1103T-Q1
VOICE-BAND AUDIO PROCESSOR (VBAP
)
SGLS120A – APRIL 2002 – REVISED MAY 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional description (continued)
analog modulator
The transmit channel modulator is a third-order sigma-delta design.
transmit filter and PGA
The transmit filter is a digital filter designed to meet CCITT G.714 requirements. The device operates in either
the 15-bit linear or 8-bit companded
µ-law or A-law mode that is selectable through the I2C interface. The
transmit PGA defaults to 0 dB.
sidetone
A portion of the transmitted audio is attenuated and fed back to the receive channel through the sidetone path.
The sidetone path defaults to –12 dB. The sidetone path can be enabled by writing to the power control register.
receive volume control
The receive volume control block acts as an attenuator with a range of –18 dB to 0 dB in 2 dB steps for control
of the receive channel volume. The receive volume control gain defaults to 0 dB.
receive filter and PGA
The receive filter is a digital filter that meets CCITT G.714 requirements with a high-pass filter that is selectable
through the I2C interface. The device operates in either the 15-bit linear or 8-bit
µ-law or A-law companded
mode, which is selectable through the I2C interface. The gain defaults to –1 dB representing a 3-dBm0 level
for a 32-
Ω load impedance and the corresponding digital full scale PCMI code. The gain may be set to –2 dB
for the respective 3-dBm0 level for a 16-
load impedance.
digital modulator and filter
The second-order digital modulator and filter convert the received digital PCM data to the analog output required
by the earphone interface.
earphone amplifiers
The analog signal can be routed to either of two earphone amplifiers, one with differential output (EAR1ON and
EAR1OP) and one with single-ended output (EAR2O). Clicks and pops are suppressed for EAR1 differential
output only.
tone generator
The tone generator provides generation of standard DTMF tones and single tone frequencies which are output
to the following devices: 1) The buzzer driver, as a pulse density modulation (PDM) signal 2) The receive path
digital/analog converter (DAC) for outputting through the earphone. There are 255 possible single tones. The
tone integer value is determined by the following formula:
Round (Tone Freq (Hz)/7.8135 Hz)
The value is loaded into one of two 8-bit registers, the high-tone register (04), or the low-tone register (05). The
tone output is 2 dB higher when applied to the high-tone register (04). When generating DTMF tones, the high
DTMF tone must be applied to the high-tone register and the low frequency tone to the low-tone register.


Similar Part No. - TWL1103T-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1103TPBSQ1 TI-TWL1103TPBSQ1 Datasheet
404Kb / 10P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
More results

Similar Description - TWL1103T-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1106 TI1-TWL1106 Datasheet
266Kb / 19P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP??
TWL1103 TI1-TWL1103_01 Datasheet
415Kb / 30P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP田?
TWL1107 TI1-TWL1107 Datasheet
265Kb / 19P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP田?
TCM320AC56 TI1-TCM320AC56 Datasheet
332Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAP田?
TWL1103TPBSQ1 TI-TWL1103TPBSQ1 Datasheet
404Kb / 10P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
TWL1101 TI-TWL1101 Datasheet
408Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
TWL1110 TI-TWL1110 Datasheet
496Kb / 37P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1103 TI-TWL1103 Datasheet
388Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1102 TI-TWL1102 Datasheet
387Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com