Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF15JC10 Datasheet(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

Part # SF15JC10
Description  SHCOTTKY RECTIFIERS(SBD)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

SF15JC10 Datasheet(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  SF15JC10 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd SF15JC10 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd SF15JC10 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd SF15JC10 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd SF15JC10 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd SF15JC10 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd SF15JC10 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd SF15JC10 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
0
5
10
15
20
0
5
10
15
20
25
DC
D=0.8
0.5
SIN
0.3
0.2
0.1
0.05
SF15JC10
Forward Power Dissipation
Io [A]
Average Rectified Forward Current
0
tp
IO
T
D=tp/T
Tj = 150°C


Similar Part No. - SF15JC10

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF15 MOSPEC-SF15 Datasheet
137Kb / 2P
   POWER RECTIFIERS(1.0A,50-400V)
logo
Micro Commercial Compon...
SF15 MCC-SF15 Datasheet
460Kb / 4P
   1.0 Amp Super Fast Recovery Rectifiers 50 to 600 Volts
logo
Leshan Radio Company
SF15 LRC-SF15 Datasheet
55Kb / 2P
   SUPER FAST DIODES
logo
Shanghai Shunye Electro...
SF15 SHUNYE-SF15 Datasheet
357Kb / 2P
   SUPER FAST RECTIFIER
logo
Yangzhou yangjie electr...
SF15 YANGJIE-SF15 Datasheet
194Kb / 4P
   Super Fast Recovery Rectifier
More results

Similar Description - SF15JC10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50WQ10G IRF-50WQ10G Datasheet
162Kb / 7P
   SHCOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
SF20SC6 SHINDENGEN-SF20SC6 Datasheet
451Kb / 10P
   SCHOTTKY RECTIFIERS (SBD)
M2FH3 SHINDENGEN-M2FH3 Datasheet
468Kb / 11P
   SCHOTTKY RECTIFIERS (SBD)
SF20SC9 SHINDENGEN-SF20SC9 Datasheet
356Kb / 8P
   SCHOTTKY RECTIFIERS SBD
SF20JC10 SHINDENGEN-SF20JC10 Datasheet
256Kb / 8P
   Schottky Rectifiers (SBD)
DF20JC10 SHINDENGEN-DF20JC10 Datasheet
328Kb / 8P
   Shottky Rectifiers(SBD)
DG1M3 SHINDENGEN-DG1M3 Datasheet
248Kb / 8P
   SCHOTTKY RECTIFIERS (SBD)
DG1H3 SHINDENGEN-DG1H3 Datasheet
261Kb / 9P
   SCHOTTKY RECTIFIERS (SBD)
M2FM3 SHINDENGEN-M2FM3 Datasheet
480Kb / 12P
   SCHOTTKY RECTIFIERS (SBD)
S40HC1R5 SHINDENGEN-S40HC1R5 Datasheet
254Kb / 8P
   SCHOTTKY RECTIFIERS SBD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com