Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C457 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C457
Description  512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C457 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C457 Datasheet HTML 1Page - Cypress Semiconductor CY7C457 Datasheet HTML 2Page - Cypress Semiconductor CY7C457 Datasheet HTML 3Page - Cypress Semiconductor CY7C457 Datasheet HTML 4Page - Cypress Semiconductor CY7C457 Datasheet HTML 5Page - Cypress Semiconductor CY7C457 Datasheet HTML 6Page - Cypress Semiconductor CY7C457 Datasheet HTML 7Page - Cypress Semiconductor CY7C457 Datasheet HTML 8Page - Cypress Semiconductor CY7C457 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
CY7C455
CY7C456
CY7C457
Document #: 38-06003 Rev. *A
Page 3 of 23
Maximum Ratings[1]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................–65
°C to +150°C
Ambient Temperature with
Power Applied............................................–55
°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State ............................................... –0.5V to +7.0V
DC Input Voltage............................................ –3.0V to +7.0V
Output Current into Outputs (LOW) .............................20 mA
Static Discharge Voltage............................................ >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Selection Guide
7C455/6/7–12
7C455/6/7–14
7C455/6/7–20
7C455/6/7–30
Maximum Frequency (MHz)
83.3
71.4
50
33.3
Maximum Cascadable Frequency
83.3
71.4
50
33.3
Maximum Access Time (ns)
9
10
15
20
Minimum Cycle Time (ns)
12
14
20
30
Minimum Clock HIGH Time (ns)
5
6.5
9
12
Minimum Clock LOW Time (ns)
5
6.5
9
12
Minimum Data or Enable Set-Up (ns)
4
5
6
7
Minimum Data or Enable Hold (ns)
0
0
0
0
Maximum Flag Delay (ns)
9
10
15
20
Maximum Current
(mA)
Commercial
160
160
140
120
Industrial
180
180
160
140
Selection Guide (continued)
CY7C455
CY7C456
CY7C457
Density
512 x 18
1,024 x 18
2,048 x 18
OE, Depth Cascadable
Yes
Yes
Yes
Package
52-Pin PLCC/PQFP
52-Pin PLCC/PQFP
52-Pin PLCC/PQFP
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial[2]
–40
°C to +85°C
5V
± 10%
Notes:
1.
The Voltage on any input or I/O pin cannot exceed the power pin during
power-up.
2.
TA is the “instant on” case temperature.


Similar Part No. - CY7C457

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C451 CYPRESS-CY7C451 Datasheet
358Kb / 24P
   512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable
CY7C451-12JC CYPRESS-CY7C451-12JC Datasheet
358Kb / 24P
   512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable
CY7C451-12JI CYPRESS-CY7C451-12JI Datasheet
358Kb / 24P
   512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable
CY7C451-14JC CYPRESS-CY7C451-14JC Datasheet
358Kb / 24P
   512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable
CY7C451-14JI CYPRESS-CY7C451-14JI Datasheet
358Kb / 24P
   512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable
More results

Similar Description - CY7C457

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
CY7C441 CYPRESS-CY7C441 Datasheet
223Kb / 15P
   Clocked 512 x 9, 2K x 9 FIFOs
logo
Integrated Device Techn...
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH540235 SHARP-LH540235 Datasheet
369Kb / 46P
   2048 x 18 / 4096 x 18 Synchronous FIFOs
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com