Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37C67X Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FDC37C67X
Description  Enhanced Super I/O Controller with Fast IR
Download  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FDC37C67X Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FDC37C67X Datasheet HTML 1Page - List of Unclassifed Manufacturers FDC37C67X Datasheet HTML 2Page - List of Unclassifed Manufacturers FDC37C67X Datasheet HTML 3Page - List of Unclassifed Manufacturers FDC37C67X Datasheet HTML 4Page - List of Unclassifed Manufacturers FDC37C67X Datasheet HTML 5Page - List of Unclassifed Manufacturers FDC37C67X Datasheet HTML 6Page - List of Unclassifed Manufacturers FDC37C67X Datasheet HTML 7Page - List of Unclassifed Manufacturers FDC37C67X Datasheet HTML 8Page - List of Unclassifed Manufacturers FDC37C67X Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 194 page
background image
2
Multi-Mode™ Parallel Port with
ChiProtect™
-
Standard Mode IBM PC/XT
®, PC/AT®,
and PS/2™ Compatible Bidirectional
Parallel Port
-
Enhanced Parallel Port (EPP)
Compatible - EPP 1.7 and EPP 1.9
(IEEE 1284 Compliant)
-
IEEE 1284 Compliant Enhanced
Capabilities Port (ECP)
-
ChiProtect Circuitry for Protection
Against Damage Due to Printer
Power-On
-
480 Address, Up to Eight IRQ and
Three DMA Options
ISA Host Interface
-
16-Bit Address Qualification
-
8-Bit Data Bus
-
IOCHRDY for ECP and Fast IR
-
Three 8-Bit DMA Channels
-
Eight Direct Parallel IRQs
-
Serial IRQ Option Compatible with
Serialized IRQ Support for PCI
Systems
100 Pin QFP Package
GENERAL DESCRIPTION
The FDC37C67x with Consumer IR and IrDA
v1.1 support incorporates a keyboard interface,
SMSC's true CMOS 765B floppy disk controller,
advanced digital data separator, two 16C550
compatible UARTs, one Multi-Mode parallel port
which includes ChiProtect circuitry plus EPP
and ECP, on-chip 24 mA AT bus drivers, two
floppy direct drive support, Intelligent power
management and SMI support. The true CMOS
765B core provides 100% compatibility with IBM
PC/XT and PC/AT architectures in addition to
providing
data
overflow
and
underflow
protection.
The SMSC advanced digital data
separator incorporates SMSC's patented data
separator technology, allowing for ease of
testing and use.
Both on-chip UARTs are
compatible with the NS16C550.
The parallel
port is compatible with IBM PC/AT architecture,
as well as IEEE 1284 EPP and ECP.
The
FDC37C67x incorporates sophisticated power
control circuitry (PCC).
The PCC supports
multiple low power down modes.
The FDC37C67x supports the ISA Plug-and-
Play Standard (Version 1.0a) and provides the
recommended functionality to support Windows
'95.
The I/O Address, DMA Channel and
Hardware IRQ of each logical device in the
FDC37C67x may be reprogrammed through the
internal configuration registers. There are 480
I/O address location options, 8 parallel IRQs, an
optional Serialized IRQ interface, and three
DMA channels.
The FDC37C67x does not require any external
filter components and is therefore easy to use
and offers lower system costs and reduced
board area.
The FDC37C67x is software and
register compatible with SMSC's proprietary
82077AA core.
IBM, PC/XT and PC/AT are registered trademarks and PS/2 is a trademark
of International Business Machines Corporation
SMSC is a registered trademark and Ultra I/O, ChiProtect, and Multi-Mode
are trademarks of Standard Microsystems Corporation


Similar Part No. - FDC37C67X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C67X SMSC-FDC37C67X Datasheet
546Kb / 194P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
More results

Similar Description - FDC37C67X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
37C67X SMSC-37C67X Datasheet
546Kb / 194P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
37C672 SMSC-37C672 Datasheet
965Kb / 173P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
37M602 SMSC-37M602 Datasheet
650Kb / 182P
   ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
logo
List of Unclassifed Man...
FDC37M70X ETC-FDC37M70X Datasheet
597Kb / 194P
   Enhanced Super I/O Controller with Wake-Up
logo
SMSC Corporation
LPC47M112 SMSC-LPC47M112_07 Datasheet
1Mb / 204P
   Enhanced Super I/O Controller with LPC Interface
FDC37B78X SMSC-FDC37B78X Datasheet
1Mb / 258P
   Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
37B77X SMSC-37B77X Datasheet
573Kb / 196P
   ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com