Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C456 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C456
Description  512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C456 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C456 Datasheet HTML 1Page - Cypress Semiconductor CY7C456 Datasheet HTML 2Page - Cypress Semiconductor CY7C456 Datasheet HTML 3Page - Cypress Semiconductor CY7C456 Datasheet HTML 4Page - Cypress Semiconductor CY7C456 Datasheet HTML 5Page - Cypress Semiconductor CY7C456 Datasheet HTML 6Page - Cypress Semiconductor CY7C456 Datasheet HTML 7Page - Cypress Semiconductor CY7C456 Datasheet HTML 8Page - Cypress Semiconductor CY7C456 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
CY7C455
CY7C456
CY7C457
Document #: 38-06003 Rev. *A
Page 5 of 23
Electrical Characteristics Over the Operating Range
7C455/6/7–
12
7C455/6/7–
14
7C455/6/7–
20
7C455/6/7–
30
Parameter
Description
Test Conditions
Min.
Max
Min.
Max
Min.
Max
Min.
Max
Unit
VOH
Output HIGH
Voltage
VCC = Min., IOH = –2.0 mA
2.4
2.4
2.4
2.4
V
VOL
Output LOW
Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
0.4
0.4
V
VIH
[3]
Input HIGH Voltage
2.2
VCC
2.2
VCC
2.2
VCC
2.2
VCC
V
VIL
[3]
Input LOW Voltage
–0.5
0.8
–0.5
0.8
–0.5
0.8
–0.5
0.8
V
IIX
Input Leakage
Current
VCC = Max.
–10
+10
–10
+10
–10
+10
–10
+10
µA
IOS
[4]
Output Short
Circuit Current
VCC = Max., VOUT = GND
–90
–90
–90
–90
mA
IOZL
IOZH
Output OFF, High Z
Current
OE > VIH, VSS < VO < VCC
–10
+10
–10
+10
–10
+10
–10
+10
µA
ICC1
[5]
Operating Current
VCC = Max.,
IOUT = 0 mA
Com’l
160
160
140
120
mA
Ind
180
180
160
140
mA
ICC2
[6]
Operating Current
VCC = Max.,
IOUT = 0 mA
Com’l
90
90
90
90
mA
Ind
100
100
100
100
mA
ISB
[7]
Standby Current
VCC = Max.,
IOUT = 0 mA
Com’l
40
40
40
40
mA
Ind
40
40
40
40
mA
Capacitance[8]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
12
pF
AC Test Loads and Waveforms[9, 10, 11, 12, 13]
Notes:
3.
The VIH and VIL specifications apply for all inputs except XI. The XI pin is not a TTL input. It is connected to either XO of the previous device or VSS.
4.
Test no more than one output at a time for not more than one second.
5.
Input signals switch from 0V to 3V with a rise/fall time of less than 3 ns, clocks and clock enables switch at maximum frequency (fMAX), while data inputs
switch at fMAX/2. Outputs are unloaded.
6.
Input signals switch from 0V to 3V with a rise/fall time less than 3 ns, clocks and clock enables switch at 20 MHz, while the data inputs switch at 10 MHz.
Outputs are unloaded.
7.
All input signals are connected to VCC. All outputs are unloaded. Read and write clocks switch at maximum frequency (fMAX).
8.
Tested initially and after any design or process changes that may affect these parameters.
9.
CL = 30 pF for all AC parameters except for tOHZ.
10. CL = 5 pF for tOHZ.
11. All AC measurements are referenced to 1.5V except tOE, tOLZ, and tOHZ.
12. tOE and tOLZ are measured at ± 100 mV from the steady state.
13. tOHZ is measured at +500 mV from VOL and – 500 mV from VOH.
3.0V
5V
OUTPUT
R1 500
R2
333
CL
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤ 3ns
≤ 3 ns
OUTPUT
2V
Equivalent to:
THÉVENIN EQUIVALENT
c455-4
200
ALL INPUT PULSES
c455-5


Similar Part No. - CY7C456

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C451 CYPRESS-CY7C451 Datasheet
358Kb / 24P
   512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable
CY7C451-12JC CYPRESS-CY7C451-12JC Datasheet
358Kb / 24P
   512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable
CY7C451-12JI CYPRESS-CY7C451-12JI Datasheet
358Kb / 24P
   512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable
CY7C451-14JC CYPRESS-CY7C451-14JC Datasheet
358Kb / 24P
   512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable
CY7C451-14JI CYPRESS-CY7C451-14JI Datasheet
358Kb / 24P
   512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable
More results

Similar Description - CY7C456

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
CY7C441 CYPRESS-CY7C441 Datasheet
223Kb / 15P
   Clocked 512 x 9, 2K x 9 FIFOs
logo
Integrated Device Techn...
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH540235 SHARP-LH540235 Datasheet
369Kb / 46P
   2048 x 18 / 4096 x 18 Synchronous FIFOs
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com