Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17393AT Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HA17393AT
Description  Dual Comparators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17393AT Datasheet(HTML) 5 Page - Renesas Technology Corp

  HA17393AT Datasheet HTML 1Page - Renesas Technology Corp HA17393AT Datasheet HTML 2Page - Renesas Technology Corp HA17393AT Datasheet HTML 3Page - Renesas Technology Corp HA17393AT Datasheet HTML 4Page - Renesas Technology Corp HA17393AT Datasheet HTML 5Page - Renesas Technology Corp HA17393AT Datasheet HTML 6Page - Renesas Technology Corp HA17393AT Datasheet HTML 7Page - Renesas Technology Corp HA17393AT Datasheet HTML 8Page - Renesas Technology Corp HA17393AT Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HA17393A Series
Rev.3.00 Mar 10, 2006 page 5 of 8
Characteristic Curves
−20
0
75
1.25
1.0
0.75
0.5
0.25
0
Ambient Temperature Ta (
°C)
Ambient Temperature Ta (
°C)
25
50
2 V
Supply Current vs. Ambient Temperature
Output Sink Current vs. Ambient Temperature
Output Saturation Voltage vs. Ambient Temperature
Output Sink Current vs. Output Voltage
15 V
5 V
010
40
25
20
15
10
5
0
Output Voltage VO (V)
20
30
−20
0
75
20
15
10
5
0
25
50
−20
0
75
400
300
200
100
0
Ambient Temperature Ta (
°C)
25
50
VCC =
36 V
15 V
5 V
2 V
V
CC
= 36
V
VCC = 36 V
15 V
5 V
2 V
VCC = 2 V
5 V
15 V
36 V


Similar Part No. - HA17393AT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17393A RENESAS-HA17393A_15 Datasheet
130Kb / 11P
   Dual Comparators
More results

Similar Description - HA17393AT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
   Dual Comparators
logo
Ceramate Technical
CO393 CERAMATE-CO393 Datasheet
95Kb / 4P
   Dual comparators
logo
Renesas Technology Corp
HA17393B RENESAS-HA17393B_15 Datasheet
303Kb / 10P
   Dual Comparators
logo
Panasonic Semiconductor
AN6913 PANASONIC-AN6913 Datasheet
30Kb / 3P
   Dual Comparators
logo
Renesas Technology Corp
HA17903A RENESAS-HA17903A Datasheet
103Kb / 9P
   Dual Comparators
logo
Rohm
BA10393 ROHM-BA10393 Datasheet
52Kb / 4P
   Dual comparators
logo
Renesas Technology Corp
HA17393A RENESAS-HA17393A_15 Datasheet
130Kb / 11P
   Dual Comparators
HA17903A RENESAS-HA17903A_15 Datasheet
130Kb / 11P
   Dual Comparators
HA17393B RENESAS-HA17393B Datasheet
119Kb / 8P
   Dual Comparators
logo
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com