Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


PI90LV048A Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part No. PI90LV048A
Description  3V LVDS Quad Flow-Through Differential Line Receivers
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo 

   
 3 page
background image
3
PS8608A
10/04/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV048A/PI90LVT048A
3V LVDS Quad Flow-Through
Differential Line Receivers
Notes
1.
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply
that the devices should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
2.
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are
referenced to ground unless otherwise specified.
3.
All typicals are given for: VCC = +3.3V, TA = +25°C.
4.
Generator waveform for all tests unless otherwise specified: f =1 MHz, ZO =50 ohms, tr and tf (0% to 100%) ≤ 3ns for RIN.
5.
The VCMR range is reduced for larger VID. Example: if VID = 400mV, the VCMR is 0.2V to 2.2V. The fail-safe condition with inputs
shorted is not supported over the common-mode range of 0V to 2.4V, but is supported only with inputs shorted and no external common-
mode voltage applied. A VID up to VCC – 0V may be applied to the RIN+ /RIN– inputs with the Common-Mode voltage set to VCC/2.
Propagation delay and Differential Pulse skew decrease when VID is increased from 200mV to 400mV.
Skew specifications apply for 200mV
≤VID ≤800mV over the common-mode range .
6.
tSKD1 is the magnitude difference in differential propagation delay time between the positive going edge and the negative going edge of the
same channel
7.
tSKD2, Channel-to-Channel Skew is defined as the difference between the propagation delay of one channel and that of the others on the
same chip with any event on the inputs.
8.
tSKD3, part to part skew, is the differential channel-to-channel skew of any event between devices. This specification
applies to devices at the same VCC, and within 5°C of each other within the operating temperature range.
9.
tSKD4, part to part skew, is the differential channel-to-channel skew of any event between devices. This specification applies
to devices over recommended operating temperature and voltage ranges, and across process distribution. tSKD4 is defined as |Max–Min|
differential propagation delay.
10. ESD Ratings: HBM (1.5 kohms, 100pF)
≥10kV
EIAJ (0 ohm, 200pF)
≥1200V
11. Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only. Only one output should be shorted at
a time, do not exceed maximum junction temperature specification.
12. CL includes probe and jig capacitance.
13. VCC is always higher than RIN+ and RIN– voltage. RIN– and RIN+ are allowed to have a voltage range –0.2V to VCC – V ID/2. However, to be
compliant with AC specifications, the common voltage range is 0.1V to 2.3V
14
f MAX generator input conditions: t r = t f <1ns (0% to 100%), 50% duty cycle, differential (1.05V to 1.35V peak to peak).
Output criteria: 60/40% duty cycle, VOL (max 0.4V), VOH (min 2.7V), Load = 15pF (stray plus probes).
SwitchingCharacteristics
Over supply voltage and operating temperature ranges, unless otherwise specified.(2,3)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
t
D
L
H
P
w
o
L
o
t
h
g
i
H
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
l
a
it
n
e
r
e
f
fi
DCL
F
p
5
1
=
V D
I
V
m
0
0
2
=
)
2
&
1
s
e
r
u
g
i
F
(
2
.
10
.
22
.
3
s
n
t
D
H
L
P
h
g
i
H
o
t
w
o
L
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
l
a
it
n
e
r
e
f
fi
D2
.
19
.
12
.
3
t
1
D
K
S
,
w
e
k
S
e
s
l
u
P
l
a
it
n
e
r
e
f
fi
D
D
H
L
P
t
D
L
H
P
t
)6
(
01
.
04
.
0
t
2
D
K
S
w
e
k
S
l
e
n
n
a
h
C
-
o
t
-l
e
n
n
a
h
C
)
7
(
05
1
.
05
.
0
t
3
D
K
S
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
l
a
it
n
e
r
e
f
fi
D
)
8
(
0
.
1
t
4
D
K
S
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
l
a
it
n
e
r
e
f
fi
D
)
9
(
5
.
1
t H
L
T
e
m
i
T
e
s
i
R
5
.
00
.
1
t L
H
T
e
m
i
T
ll
a
F
5
3
.
00
.
1
t Z
H
P
Z
o
t
h
g
i
H
e
m
i
T
e
l
b
a
s
i
DRL
,
s
m
h
o
k
2
=
CL
F
p
5
1
=
)
4
&
3
s
e
r
u
g
i
F
(
84
1
t Z
L
P
Z
o
t
w
o
L
e
m
i
T
e
l
b
a
s
i
D
85
1
t H
Z
P
h
g
i
H
o
t
Z
e
m
i
T
e
l
b
a
n
E
94
1
t L
Z
P
w
o
L
o
t
Z
e
m
i
T
e
l
b
a
n
E
94
1
f
X
A
M
y
c
n
e
u
q
e
r
F
g
n
it
a
r
e
p
O
m
u
m
i
x
a
M
)
4
1
(
g
n
i
h
c
ti
w
s
s
l
e
n
n
a
h
C
ll
A0
5
2z
H
M




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS90LV028AHHigh Temperature 3V LVDS Dual Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
HD26LS32Quadruple Differential Line Receivers With 3 State Outputs 1 2 3 4 5 MoreHitachi Semiconductor
AD9228Quad 12-bit 40/65 MSPS Serial LVDS 1.8 V A/D Converter 1 2 3 4 5 MoreAnalog Devices
DS90LV049HHigh Temperature 3V LVDS Dual Line Driver and Receiver Pair 1 2 3 4 5 MoreNational Semiconductor (TI)
PEB22504Quad Line Interface Unit for E1⁄T1⁄J1 QuadLIU 1 2 3 4 5 MoreInfineon Technologies AG
ET9600THREE CHANNEL DIFFERENTIAL LINE DRIVER IC 1 2 List of Unclassifed Manufacturers
NB6L142.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
PJLC1V5LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS 1 2 3 4 Pan Jit International Inc.
NUF4220MN4 Line Audio EMI Filter with ESD Protection 1 2 3 4 ON Semiconductor
MC33290ISO K Line Serial Link Interface 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl