Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


PI90LV048A Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part No. PI90LV048A
Description  3V LVDS Quad Flow-Through Differential Line Receivers
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo 

   
 2 page
background image
2
PS8608A
10/04/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV048A/PI90LVT048A
3V LVDS Quad Flow-Through
Differential Line Receivers
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
P.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V H
T
d
l
o
h
s
e
r
t
h
g
i
h
t
u
p
n
i
l
a
it
n
e
r
e
f
fi
D
V M
C
V
5
9
.
2
,
V
5
0
.
0
,
V
2
.
1
+
=
)
3
1
(
R
,
+
N
I
R
N
I
0
0
1
+
V
m
V L
T
d
l
o
h
s
e
r
t
w
o
l
t
u
p
n
i
l
a
it
n
e
r
e
f
fi
D
0
0
1
R
M
C
Ve
g
n
a
r
e
g
a
tl
o
v
e
d
o
m
-
n
o
m
m
o
CV D
I
k
a
e
p
-
o
t
-
k
a
e
p
V
m
0
0
2
=
)
5
(
1
.
06
.
2V
I N
I
t
n
e
r
r
u
C
t
u
p
n
I
V N
I
V
8
.
2
+
=
V C
C
V
0
r
o
V
6
.
3
=
0
1
–5
±0
1
+
A
µ
V N
I
V
0
=0
1
–1
±0
1
+
V N
I
V
6
.
3
+
=V C
C
V
0
=0
2
–1
±0
2
+
V H
O
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
O
I H
O
V
,
A
m
4
.
0
=
D
I
V
m
0
0
2
+
=
R
T
U
O
7
.
23
.
3
V
I H
O
d
e
t
a
n
i
m
r
e
t
t
u
p
n
I
,
A
m
4
.
0
=7
.
23
.
3
I H
O
d
e
t
r
o
h
s
t
u
p
n
I
,
A
m
4
.
0
=7
.
23
.
3
V L
O
e
g
a
tl
o
v
w
o
l
t
u
p
t
u
OI L
O
V
,
A
m
2
=
D
I
V
m
0
0
2
=5
0
.
05
2
.
0
I S
O
t
n
e
r
r
u
c
ti
u
c
ri
c
t
r
o
h
s
t
u
p
t
u
OV
,
d
e
l
b
a
n
E
T
U
O
V
0
=
)
1
1
(
5
1
–7
4
–0
0
1
–A
m
I Z
O
t
n
e
r
r
u
c
e
t
a
t
S
-
3
t
u
p
t
u
OV
,
d
e
l
b
a
s
i
D
T
U
O
V
r
o
V
0
=
C
C
0
1
–1
±0
1
+A
µ
V H
I
e
g
a
tl
o
v
h
g
i
h
t
u
p
n
I
,
N
E
N
E
0
.
2V C
C
V
V L
I
e
g
a
tl
o
v
w
o
l
t
u
p
n
I
D
N
G8
.
0
II
t
n
e
r
r
u
c
t
u
p
n
IV N
I
V
r
o
V
0
=
C
C
V
=
t
u
p
n
I
r
e
h
t
O
,
C
C
D
N
G
r
o0
2
–5
±0
2
+A
µ
V L
C
e
g
a
tl
o
v
p
m
a
l
c
t
u
p
n
II L
C
A
m
8
1
=5
.
1
–8
.
0
–V
I C
C
t
n
e
r
r
u
c
y
l
p
p
u
s
d
a
o
l
o
N
d
e
l
b
a
n
e
s
r
e
v
i
e
c
e
R
V
=
N
E
C
C
V
=
t
u
p
n
I
l
a
it
n
e
r
e
f
fi
D
e
n
O
,
C
C
D
N
G
=
t
u
p
n
I
l
a
it
n
e
r
e
f
fi
D
r
e
h
t
o
V C
C
95
1
A
m
I Z
C
C
t
n
e
r
r
u
c
y
l
p
p
u
s
d
a
o
l
o
N
d
e
l
b
a
s
i
d
s
r
e
v
i
e
c
e
R
V
=
t
u
p
n
I
l
a
it
n
e
r
e
f
fi
D
e
n
O
,
D
N
G
=
N
E
C
C
D
N
G
=
t
u
p
n
I
l
a
it
n
e
r
e
f
fi
D
r
e
h
t
o
15
R
M
R
E
T
e
c
n
a
t
s
i
s
e
r
t
u
p
n
i
n
o
it
a
n
i
m
r
e
T
)
A
8
4
0
T
V
L
0
9
I
P
(
V N
I
V
=
C
C
r
o0
0
90
1
12
3
1
CW
e
c
n
a
ti
c
a
p
a
c
t
u
p
n
I
50
1F
p
ElectricalCharacteristics
Over supply voltage and operating temperature ranges, unless otherwise specified(2, 3).
Absolute Maximum Ratings
Supply Voltage (VCC) .............................................. –0.3Vto+4V
Input Voltage (RIN+ – RIN–) ................................. –0.3Vto3.9V)
Enable Input Voltage (EN, EN) .................. –0.3Vto(VCC+0.3V)
Output Voltage (ROUT) ............................. –0.3Vto(VCC+0.3V)
Maximum Package Power Dissipation: +25°C
M Package ................................................................. 1088mW
MTC Package ............................................................... 866mW
Derate M Package .............................. 8.5 mW/°C above +25°C
Derate MTC Package ........................ 6.9 mW/°C above +25°C
Storage Temperature Range .............................. –65°Cto+150°C
Lead Temperature Range
Soldering (4 seconds) ................................................... +260°C
Maximum Junction Temperature ...................................... +150°C
ESD Rating(10)
(HBM, 1.5kW, 100pF) ......................................................
≥10kV
(EIAJ, 0W, 200pF) .........................................................
≥1200V
RecommendedOperatingConditions
Min
Typ Max Units
Supply Voltage (VCC)
+3.0 +3.3 +3.6
V
Receiver Input Voltage
GND
+3.0
V
Operating Free Air Temperature (TA) –40
+25
+85
°C




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS90LV028AHHigh Temperature 3V LVDS Dual Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
HD26LS32Quadruple Differential Line Receivers With 3 State Outputs 1 2 3 4 5 MoreHitachi Semiconductor
AD9228Quad 12-bit 40/65 MSPS Serial LVDS 1.8 V A/D Converter 1 2 3 4 5 MoreAnalog Devices
DS90LV049HHigh Temperature 3V LVDS Dual Line Driver and Receiver Pair 1 2 3 4 5 MoreNational Semiconductor (TI)
PEB22504Quad Line Interface Unit for E1⁄T1⁄J1 QuadLIU 1 2 3 4 5 MoreInfineon Technologies AG
ET9600THREE CHANNEL DIFFERENTIAL LINE DRIVER IC 1 2 List of Unclassifed Manufacturers
NB6L142.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
PJLC1V5LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS 1 2 3 4 Pan Jit International Inc.
NUF4220MN4 Line Audio EMI Filter with ESD Protection 1 2 3 4 ON Semiconductor
MC33290ISO K Line Serial Link Interface 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl