Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


PI90LV048A Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part No. PI90LV048A
Description  3V LVDS Quad Flow-Through Differential Line Receivers
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo 

   
 5 page
background image
5
PS8608A
10/04/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV048A/PI90LVT048A
3V LVDS Quad Flow-Through
Differential Line Receivers
ParameterMeasurementInformation(continued)
Figure 4. Receiver 3-State Delay Waveforms
Data Input
Enable
RT
100
1/4 PI90LV047A
Data
Output
+
1/4 PI90LV048A
Figure 5. Point-to-Point Application
TypicalApplication
EN When EN = GND or OPEN
3V
0V
3V
0V
VOL
VOH
50%
50%
1.5V
1.5V
1.5V
1.5V
tPZL
0.5V
VCC
GND
tPLZ
tPZH
0.5V
tPHZ
EN When EN = VCC
Output When VID = –100mV
Output When VID = +100mV




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS90LV028AHHigh Temperature 3V LVDS Dual Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
HD26LS32Quadruple Differential Line Receivers With 3 State Outputs 1 2 3 4 5 MoreHitachi Semiconductor
AD9228Quad 12-bit 40/65 MSPS Serial LVDS 1.8 V A/D Converter 1 2 3 4 5 MoreAnalog Devices
DS90LV049HHigh Temperature 3V LVDS Dual Line Driver and Receiver Pair 1 2 3 4 5 MoreNational Semiconductor (TI)
PEB22504Quad Line Interface Unit for E1⁄T1⁄J1 QuadLIU 1 2 3 4 5 MoreInfineon Technologies AG
ET9600THREE CHANNEL DIFFERENTIAL LINE DRIVER IC 1 2 List of Unclassifed Manufacturers
NB6L142.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
PJLC1V5LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS 1 2 3 4 Pan Jit International Inc.
NUF4220MN4 Line Audio EMI Filter with ESD Protection 1 2 3 4 ON Semiconductor
MC33290ISO K Line Serial Link Interface 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl