Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI90LV048A Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI90LV048A
Description  3V LVDS Quad Flow-Through Differential Line Receivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV048A Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI90LV048A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV048A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV048A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV048A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV048A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV048A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV048A Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
PS8608A
10/04/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV048A/PI90LVT048A
3V LVDS Quad Flow-Through
Differential Line Receivers
1/4 PI90LV048A
CL includes load and test jig capacitance.
S1 = VCC for tPZL and tPLZ measurements.
S1 = GND for tPZH and tPHZ measurements.
RIN+
ROUT
VCC
S1
RIN–
Device
Under
Test
CL
RL
EN
EN
Generator
50
Figure 1. Receiver Propagation Delay and Transition Time Test Circuit
ParameterMeasurementInformation
Figure 2. DriverPropagation Delay & Transition Time Waveforms
Figure 3. Receiver 3-State Delay Test Circuit
Generator
Receiver Enabled
RIN+
ROUT
R
CL
RIN–
50
50
1.2V
VID = 200mV
1.5V
80%
20%
20%
80%
1.5V
0V Differential
VDIFF = DOUT+ – DOUT–
+1.3V
VOH
VOL
+1.1V
RIN–
RIN+
ROUT
tTLH
tTHL
tPLHD
tPHLD


Similar Part No. - PI90LV048A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV048ALE PERICOM-PI90LV048ALE Datasheet
335Kb / 6P
   3V LVDS Quad Flow-Through Differential Line Receivers
PI90LV048A PERICOM-PI90LV048A_09 Datasheet
335Kb / 6P
   3V LVDS Quad Flow-Through Differential Line Receivers
More results

Similar Description - PI90LV048A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV048A PERICOM-PI90LV048A_09 Datasheet
335Kb / 6P
   3V LVDS Quad Flow-Through Differential Line Receivers
PI90LV047A PERICOM-PI90LV047A_08 Datasheet
427Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Driver
PI90LV047A PERICOM-PI90LV047A Datasheet
155Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Drivers
PI90LV032A PERICOM-PI90LV032A Datasheet
482Kb / 9P
   3V LVDS High-Speed Differential Line Receivers
logo
Maxim Integrated Produc...
MAX9121 MAXIM-MAX9121 Datasheet
231Kb / 12P
   Quad LVDS Line Receivers with Integrated Termination and Flow-Through Pinout
Rev 0; 6/01
logo
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com