Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2160EBG+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX2160EBG+
Description  ISDB-T Single-Segment Low-IF Tuners
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2160EBG+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX2160EBG+ Datasheet HTML 6Page - Maxim Integrated Products MAX2160EBG+ Datasheet HTML 7Page - Maxim Integrated Products MAX2160EBG+ Datasheet HTML 8Page - Maxim Integrated Products MAX2160EBG+ Datasheet HTML 9Page - Maxim Integrated Products MAX2160EBG+ Datasheet HTML 10Page - Maxim Integrated Products MAX2160EBG+ Datasheet HTML 11Page - Maxim Integrated Products MAX2160EBG+ Datasheet HTML 12Page - Maxim Integrated Products MAX2160EBG+ Datasheet HTML 13Page - Maxim Integrated Products MAX2160EBG+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ISDB-T Single-Segment Low-IF Tuners
10
______________________________________________________________________________________
Pin Description (continued)
PIN
BUMP NO.
TQFN
WLP
NAME
DESCRIPTION
20
39
VCCFLT
DC Power Supply for Baseband Filter Circuits. Connect to a +2.85V low-noise
supply. Bypass to GND with a 100pF capacitor connected as close to the pin as
possible. Do not share capacitor ground vias with other ground connections.
22
37
ENTCXO
XTAL/TCXO Select. Logic-high enables the TCXO input and disables the XTAL input.
Logic-low disables the TCXO input and enables the XTAL input. This pin is internally
pulled up to VCC.
23
47
GC2
Baseband Gain-Control Input. High-impedance analog input, with a 0.3V to 2.7V
operating range. VGC2 = 0.3V corresponds to the maximum gain setting.
25
44
IOUT
In-Phase Low-IF Output. Requires a DC-blocking capacitor.
26
GNDBB
Ground for Baseband Circuits. Connect to the PC board ground plane.
27
43
QOUT
Quadrature Low-IF Output. Requires a DC-blocking capacitor.
29
41
VCCBB
DC Power Supply for Baseband Circuits. Connect to a +2.85V low-noise supply.
Bypass to GND with a 100pF capacitor connected as close to the pin as possible.
Do not share capacitor ground vias with other ground connections.
32
30
VCOBYP
Internal VCO Bias Bypass. Bypass directly to GNDVCO with a 470nF capacitor
connected as close to the pin as possible. Do not share capacitor ground vias with
other ground connections. See the Layout Considerations section.
33
26
VCCVCO
DC Power Supply for VCO Circuits. Connect to a +2.85V low-noise supply. Bypass
directly to GNDVCO with a 100pF capacitor connected as close to the pin as
possible. Do not share capacitor ground vias with other ground connections.
34
23
GNDVCO
VCO Circuit Ground. Connect to the PC board ground plane. See the Layout
Considerations section.
35
32
VTUNE
High-Impedance VCO Tune Input. Connect the PLL loop filter output directly to this
pin with the shortest connection as possible.
36
20
GNDTUNE
Ground for VTUNE. Connect to the PC board ground plane. See the Layout
Considerations section.
37
18
TEST
Test Output. Used as a test output for various internal blocks. See Table 2.
38
16
CPOUT
Charge-Pump Output. Connect this output to the PLL loop filter input with the
shortest connection possible.
39
10
VCCCP
DC Power Supply for Charge-Pump Circuits. Connect to a +2.85V low-noise supply.
Bypass to GND with a 100pF capacitor connected as close to the pin as possible.
Do not share capacitor ground vias with other ground connections.
40
1
GNDCP
Charge-Pump Circuit Ground. Connect to the PC board ground plane. See the
Layout Considerations section.
EP
GND
Exposed Paddle. Solder evenly to the board’s ground plane for proper operation.
3, 6, 8, 13, 15,
27, 31, 40, 42
GND
Ground. Connect to the PC board ground plane.
21
GNDLNA
Ground for LNA. Connect to ground with trace.


Similar Part No. - MAX2160EBG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2160EBG++ MAXIM-MAX2160EBG+ Datasheet
706Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
More results

Similar Description - MAX2160EBG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2160 MAXIM-MAX2160_09 Datasheet
706Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
MAX2163 MAXIM-MAX2163 Datasheet
536Kb / 23P
   ISDB-T 1-Segment Tuner
Rev 2; 10/09
MAX3570 MAXIM-MAX3570 Datasheet
436Kb / 17P
   HI-IF Single-Chip Broadband Tuners
Rev 0; 2/05
logo
Skyworks Solutions Inc.
SI2180-B60 SKYWORKS-SI2180-B60 Datasheet
151Kb / 2P
   ISDB-T and DVB-T/C Demodulator
November 28, 2021
logo
NXP Semiconductors
TEF6621 NXP-TEF6621 Datasheet
166Kb / 2P
   NXP low-IF analog car radio tuners TEF662x
December 2010
logo
Analog Devices
ADMTV201 AD-ADMTV201 Datasheet
71Kb / 2P
   Low Power Mobile TV Tuner IC for ISDB-T
Rev. Sp0
logo
Silicon Laboratories
SI2180-B60 SILABS-SI2180-B60 Datasheet
247Kb / 2P
   ISDB-T and DVB-T/C Demodulator
logo
Skyworks Solutions Inc.
SI21802-B60 SKYWORKS-SI21802-B60 Datasheet
146Kb / 2P
   Dual ISDB-T and DVB-T/C Demodulator
August 22, 2021
logo
EPCOS
B8740 EPCOS-B8740 Datasheet
115Kb / 9P
   SAW band-stop filter ISDB-T
logo
Silicon Laboratories
SI21802-B60 SILABS-SI21802-B60 Datasheet
161Kb / 2P
   Dual ISDB-T and DVB-T/C Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com