Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33298 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC33298
Description  Eight Output Switch with Serial Peripheral Interface I/O
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33298 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC33298 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33298 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33298 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33298 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33298 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33298 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33298 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33298 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33298 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33298
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 6. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.5 V VDD 5.5 V, 9.0 V VPWR 16 V, -40°C TA 125°C, unless otherwise noted.
Typical values noted reflect the approximate value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
Over Temperature Shutdown (Outputs OFF) (22)
TLIM
155
170
185
°C
Over Temperature Shutdown Hysteresis (22)
TLIM(HYS)
10
20
°C
DIGITAL INTERFACE
Input Logic High Voltage (23)
VIH
0.7
1.0
VDD
Input Logic Low Voltage (24)
VIL
0
0.2
VDD
Input Logic Voltage Hysteresis (25)
VI(HYS)
50
100
500
mV
Input Logic Current (26)
IIN
-10
0
10
µA
RST Pull-Up Current (RST = 0.7 VDD)
IRST
10
22
50
µA
SFPD Pull-Down Current (SFPD = 0.2 VDD)
ISFPD
10
22
50
µA
SO High State Output Voltage (IOH = 1.0 mA)
VSOH
VDD -1.0 V VDD -0.6 V
V
SO Low State Output Voltage (IOL = -1.6 mA)
VSOL
0.2
0.4
V
SO Tri-State Leakage Current (CS = 0.7 VDD, 0 V < VSO < VDD)
ISOT
-10
0
10
µA
Input Capacitance (0 V < VDD < 5.5 V)
(27)
CIN
12
pF
SO Tri-State Capacitance (0 V < VDD < 5.5 V)
(28)
CSOT
20
pF
Notes
22.
This parameter is guaranteed by design, but it is not production tested.
23.
Upper and lower logic threshold voltage levels apply to SI, CS, SCLK, RST, and SFPD inputs.
24.
Lower logic threshold voltage range applies to SI, CS, SCLK, Reset, and SFPD input signals.
25.
Only the SFPD and Reset inputs have hysteresis. This parameter is guaranteed by design, but it is not production tested.
26.
Input current of SCLK, SI and CS logic control inputs.
27.
Input capacitance of SI, CS, SCLK, RST, and SFPD for 0 V < VDD < 5.5 V. This parameter is guaranteed by design, but it is not
production tested.
28.
Tri-state capacitance of SO for 0 V < VDD < 5.5 V. This parameter is guaranteed by design, but it is not production tested.


Similar Part No. - MC33298

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Freescale Semiconductor...
MC33298DW FREESCALE-MC33298DW Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298DW NXP-MC33298DW Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
More results

Similar Description - MC33298

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33291L FREESCALE-33291L Datasheet
593Kb / 25P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Motorola, Inc
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291 FREESCALE-33291 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291_08 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291L FREESCALE-33291L_08 Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291 NXP-MC33291 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
logo
Freescale Semiconductor...
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com