Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2160EBG Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2160EBG
Description  ISDB-T Single-Segment Low-IF Tuners
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2160EBG Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2160EBG Datasheet HTML 5Page - Maxim Integrated Products MAX2160EBG Datasheet HTML 6Page - Maxim Integrated Products MAX2160EBG Datasheet HTML 7Page - Maxim Integrated Products MAX2160EBG Datasheet HTML 8Page - Maxim Integrated Products MAX2160EBG Datasheet HTML 9Page - Maxim Integrated Products MAX2160EBG Datasheet HTML 10Page - Maxim Integrated Products MAX2160EBG Datasheet HTML 11Page - Maxim Integrated Products MAX2160EBG Datasheet HTML 12Page - Maxim Integrated Products MAX2160EBG Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ISDB-T Single-Segment Low-IF Tuners
_______________________________________________________________________________________
9
Pin Description
PIN
BUMP NO.
TQFN
WLP
NAME
DESCRIPTION
1, 11, 15, 21,
24, 28, 30, 31
29, 33, 34, 35,
36, 45, 46
N.C.
No Connection. Connect to the PC board ground plane.
2
2
TCXO
High-Impedance Buffer for External TCXO. When ENTCXO is pulled high, this input
is enabled for use with an external TCXO and the internal crystal oscillator is
disabled. Requires a DC-blocking capacitor.
3
11
XTAL
Crystal-Oscillator Interface. When ENTCXO is pulled low, this input is enabled for use
with an external parallel resonance mode crystal. See the Typical Operating Circuit.
4
GNDXTAL
Crystal-Oscillator Circuit Ground. Connect to the PC board ground plane.
5
12
VCCXTAL
DC Power Supply for Crystal-Oscillator Circuits. Connect to a +2.85V low-noise
supply. Bypass to GND with a 100pF capacitor connected as close to the pin as
possible. Do not share capacitor ground vias with other ground connections.
6
4
XTALOUT
Crystal Oscillator Buffer Output. A DC-blocking capacitor must be used when driving
external circuitry.
7
5
VCCDIG
DC Power Supply for Digital Logic Circuits. Connect to a +2.85V low-noise supply.
Bypass to GND with a 100pF capacitor connected as close to the pin as possible.
Do not share capacitor ground vias with other ground connections.
8
14
SDA
2-Wire Serial Data Interface. Requires a pullup resistor to VCC.
9
7
SCL
2-Wire Serial Clock Interface. Requires a pullup resistor to VCC.
10
19
LTC
PLL Lock Time Constant. LTC sources current to an external charging capacitor to
set the time constant for the VCO autoselect (VAS) function. See the Loop Time
Constant Pin section in the Applications Information.
12
9
VCCBIAS
DC Power Supply for Bias Circuits. Connect to a +2.85V low-noise supply. Bypass to
GND with a 100pF capacitor connected as close to the pin as possible. Do not share
capacitor ground vias with other ground connections.
13
17
RFIN
Wideband 50
Ω RF Input. Connect to an RF source through a DC-blocking capacitor.
14
22
SHDN
Device Shutdown. Logic-low turns off the entire device including the 2-wire
compatible bus.
SHDN overrides all software shutdown modes.
16
24
VCCLNA
DC Power Supply for LNA. Connect to a +2.85V low-noise supply. Bypass to GND
with a 100pF capacitor connected as close to the pin as possible. Do not share
capacitor ground vias with other ground connections.
17
25
GC1
RF Gain-Control Input. High-impedance analog input, with a 0.3V to 2.7V operating
range. VGC1 = 0.3V corresponds to the maximum gain setting.
18
28
VCCMX
DC Power Supply for RF Mixer Circuits. Connect to a +2.85V low-noise supply.
Bypass to GND with a 100pF capacitor connected as close to the pin as possible.
Do not share capacitor ground vias with other ground connections.
19
38
PWRDET
Power-Detector Output. See the IF Power Detector section in the Applications
Information.


Similar Part No. - MAX2160EBG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2160EBG MAXIM-MAX2160EBG Datasheet
706Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
MAX2160EBG++ MAXIM-MAX2160EBG+ Datasheet
706Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
More results

Similar Description - MAX2160EBG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2160 MAXIM-MAX2160_09 Datasheet
706Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
MAX2163 MAXIM-MAX2163 Datasheet
536Kb / 23P
   ISDB-T 1-Segment Tuner
Rev 2; 10/09
MAX3570 MAXIM-MAX3570 Datasheet
436Kb / 17P
   HI-IF Single-Chip Broadband Tuners
Rev 0; 2/05
logo
Skyworks Solutions Inc.
SI2180-B60 SKYWORKS-SI2180-B60 Datasheet
151Kb / 2P
   ISDB-T and DVB-T/C Demodulator
November 28, 2021
logo
NXP Semiconductors
TEF6621 NXP-TEF6621 Datasheet
166Kb / 2P
   NXP low-IF analog car radio tuners TEF662x
December 2010
logo
Analog Devices
ADMTV201 AD-ADMTV201 Datasheet
71Kb / 2P
   Low Power Mobile TV Tuner IC for ISDB-T
Rev. Sp0
logo
Silicon Laboratories
SI2180-B60 SILABS-SI2180-B60 Datasheet
247Kb / 2P
   ISDB-T and DVB-T/C Demodulator
logo
Skyworks Solutions Inc.
SI21802-B60 SKYWORKS-SI21802-B60 Datasheet
146Kb / 2P
   Dual ISDB-T and DVB-T/C Demodulator
August 22, 2021
logo
EPCOS
B8740 EPCOS-B8740 Datasheet
115Kb / 9P
   SAW band-stop filter ISDB-T
logo
Silicon Laboratories
SI21802-B60 SILABS-SI21802-B60 Datasheet
161Kb / 2P
   Dual ISDB-T and DVB-T/C Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com