Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L8C201JI25 Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # L8C201JI25
Description  512/1K/2K/4K x 9-bit Asynchronous FIFO
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L8C201JI25 Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  L8C201JI25 Datasheet HTML 1Page - LOGIC Devices Incorporated L8C201JI25 Datasheet HTML 2Page - LOGIC Devices Incorporated L8C201JI25 Datasheet HTML 3Page - LOGIC Devices Incorporated L8C201JI25 Datasheet HTML 4Page - LOGIC Devices Incorporated L8C201JI25 Datasheet HTML 5Page - LOGIC Devices Incorporated L8C201JI25 Datasheet HTML 6Page - LOGIC Devices Incorporated L8C201JI25 Datasheet HTML 7Page - LOGIC Devices Incorporated L8C201JI25 Datasheet HTML 8Page - LOGIC Devices Incorporated L8C201JI25 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DEVICES INCORPORATED
1
L8C201/202/203/204
512/1K/2K/4K x 9-bit Asynchronous FIFO
03/04/99–LDS.8C201/2/3/4-H
FIFO Products
READ
POINTER
RAM ARRAY
512 x 9-bit
1K x 9-bit
2K x 9-bit
4K x 9-bit
WRITE
POINTER
DATA OUTPUTS
DATA INPUTS
D8-0
Q8-0
THREE-STATE
BUFFERS
EXPANSION
LOGIC
WRITE
CONTROL
READ
CONTROL
FLAG
LOGIC
RESET
LOGIC
W
R
XI
XO/HF
FF
EF
FL/RT
RS
9
u
u
u
u
u First-In/First-Out (FIFO) using
Dual-Port Memory
u
u
u
u
u Advanced CMOS Technology
u
u
u
u
u High Speed — to 10 ns Access Time
u
u
u
u
u Asynchronous and Simultaneous
Read and Write
u
u
u
u
u Fully Expandable by both Word
Depth and/or Bit Width
u
u
u
u
u Empty and Full Warning Flags
u
u
u
u
u Half-Full Flag Capability
u
u
u
u
u Auto Retransmit Capability
u
u
u
u
u Package Styles Available:
• 28-pin Plastic DIP
• 32-pin Plastic LCC
• 28-pin Ceramic Flatpack
FEATURES
DESCRIPTION
L8C201/202/203/204
512/1K/2K/4K x 9-bit Asynchronous FIFO
DEVICES INCORPORATED
The L8C201, L8C202, L8C203, and
L8C204
are dual-port First-In/First-
Out (FIFO) memories. The FIFO
memory products are organized as:
L8C201 — 512 x 9-bit
L8C202 — 1024 x 9-bit
L8C203 — 2048 x 9-bit
L8C204 — 4096 x 9-bit
Each device utilizes a special algorithm
that loads and empties data on a first-
in/first-out basis. Full and Empty flags
are provided to prevent data overflow
and underflow. Three additional pins
are also provided to allow for unlimited
expansion in both word size and depth.
Depth Expansion does not result in a
flow-through penalty. Multiple devices
are connected with the data and control
signals in parallel. The active device is
determined by the Expansion In (XI)
and Expansion Out (XO) signals which
are daisy chained from device to
device.
The read and write operations are
internally sequential through the use
of ring pointers. No address informa-
tion is required to load and unload
data. The write operation occurs
when the Write (W) signal is LOW.
Read occurs when Read (R) goes
LOW. The nine data outputs go to the
high impedance state when R is
HIGH. Retransmit (RT) capability
allows for reset of the read pointer
when RT is pulsed LOW, allowing for
retransmission of data from the
beginning. Read Enable (R) and Write
Enable (W) must both be HIGH
during a retransmit cycle, and then R
is used to access the data. A Half-Full
(HF) output flag is available in the
single device and width expansion
modes. In the depth expansion
configuration, this pin provides the
Expansion Out (XO) information
which is used to tell the next FIFO that
it will be activated.
These FIFOs are designed to have the
fastest data access possible. Even in
lower cycle time applications, faster
access time can eliminate timing
bottlenecks as well as leave enough
margin to allow the use of the devices
without external bus drivers.
The FIFOs are designed for those
applications requiring asychronous
and simultaneous read/writes in
multiprocessing and rate buffer
applications.
L8C201/202/203/204 BLOCK DIAGRAM


Similar Part No. - L8C201JI25

ManufacturerPart #DatasheetDescription
logo
Zemic Europe B.V.
L8C ZEMIC-L8C Datasheet
432Kb / 3P
   Type L8C Rope Clamp Load Cell
2023.07
More results

Similar Description - L8C201JI25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C419 CYPRESS-CY7C419_09 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419_05 Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419 Datasheet
522Kb / 22P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
logo
Integrated Device Techn...
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com