Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA8496FL Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA8496FL
Description  Bipolar Linear Integrated Circuit Silicon Monolithic
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8496FL Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA8496FL Datasheet HTML 1Page - Toshiba Semiconductor TA8496FL Datasheet HTML 2Page - Toshiba Semiconductor TA8496FL Datasheet HTML 3Page - Toshiba Semiconductor TA8496FL Datasheet HTML 4Page - Toshiba Semiconductor TA8496FL Datasheet HTML 5Page - Toshiba Semiconductor TA8496FL Datasheet HTML 6Page - Toshiba Semiconductor TA8496FL Datasheet HTML 7Page - Toshiba Semiconductor TA8496FL Datasheet HTML 8Page - Toshiba Semiconductor TA8496FL Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TA8496FL
2003-10-07
2
Pin Function
Pin Number
Symbol
Description
1
WRGND
GND for write block
2
VBAT
High-switch control power supply
3
WRCNT
Write output setting pin
4
CLK
High-switch operation control signal input
5
ENA
High-switch enable signal input
6
R/W
Read/write select signal input
7
ON/OFF
Chip enable signal input
8
COMIN
Internal reference voltage setting
(fine adjustment)
9
VCC
Power supply input pin
10
CFIL
Power supply filter connecting pin (C
= 0.1 µF)
11
RDGND
GND for read block
12
FCNT
Cut-off frequency setting pin
13
AOUT3
Amp 3 output
14
AIN3
Amp 3 input
15
AOUT2
Amp 2 output
16
T1
Amp 2 test pin
17
AIN2
Amp 2 input
18
HDOUT
Head amp output
19
HDFB
Head amp feedback input
20
ACOM
COM amp output
21
AHDIN
Head amp output
22
HDIN
Write output
23
COM
Write output
24
Vref
VCC filter output (internal power supply)
Maximum Rating (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
VCC
8
V
Power Supply Voltage
VBAT
8
V
Input Voltage
VI
6
V
Output Current
IOUT
20
mA
Operating Temperature
Topr
−20 to 70
°C
Storage Temperature
Tstg
−50 to 150
°C
Recommended Operating Conditions
Characteristics
Symbol
Rating
Unit
VCC
3.5 to 7.0
Power Supply Voltage
VBAT
1.8 to 7.0
V


Similar Part No. - TA8496FL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8490 TOSHIBA-TA8490 Datasheet
783Kb / 21P
   3-PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC FOR CD-ROM DRIVES
TA8490F TOSHIBA-TA8490F Datasheet
783Kb / 21P
   3-PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC FOR CD-ROM DRIVES
TA8492P TOSHIBA-TA8492P Datasheet
178Kb / 13P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8492P TOSHIBA-TA8492P Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8492P/PG TOSHIBA-TA8492P/PG Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
More results

Similar Description - TA8496FL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1287PG TOSHIBA-TA1287PG Datasheet
428Kb / 24P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA78L05FTE12L TOSHIBA-TA78L05FTE12L Datasheet
390Kb / 19P
   Bipolar Linear Integrated Circuit Silicon Monolithic
TA4107F TOSHIBA-TA4107F Datasheet
102Kb / 7P
   Bipolar Linear Integrated Circuit Silicon Monolithic
TA8129Z TOSHIBA-TA8129Z Datasheet
1Mb / 27P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com