Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA8496FL Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TA8496FL
Description  Bipolar Linear Integrated Circuit Silicon Monolithic
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8496FL Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA8496FL Datasheet HTML 1Page - Toshiba Semiconductor TA8496FL Datasheet HTML 2Page - Toshiba Semiconductor TA8496FL Datasheet HTML 3Page - Toshiba Semiconductor TA8496FL Datasheet HTML 4Page - Toshiba Semiconductor TA8496FL Datasheet HTML 5Page - Toshiba Semiconductor TA8496FL Datasheet HTML 6Page - Toshiba Semiconductor TA8496FL Datasheet HTML 7Page - Toshiba Semiconductor TA8496FL Datasheet HTML 8Page - Toshiba Semiconductor TA8496FL Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TA8496FL
2003-10-07
4
Read Block (unless otherwise is specified, VCC ==== 5 V, VBAT ==== 3 V, Ta ==== 25°°°°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICCR
When read block in operation
3.2
4.6
mA
Current Dissipation
ICCO
2
When chip disabled
(on/off
= low or open)
0
1
µA
Head amp
GH
40
Amp 2
G2
40
Gain
Characteristics
Amp 3
G3
3
30
dB
En1
Rg = 0 Ω, fc = 19 kHz
0.33
(0.64)*
Head Amp Input Conversion Noise
En2
Rg = 0 Ω, fc = 1.7 kHz
0.15
(0.26)*
µVrms
Reference Voltage
VACOM
3
1.9
2.0
2.1
V
Head amp
VHOS
−0.1
±0.25
Amp 2
V2OS
+0.7
±1.1
Output Offset
Voltage
Amp 3
V3OS
3
+0.1
±0.25
V
Low
V3OL
0.2
Amp 3 Output
Voltage Range
High
V3OH
4
RL = 10 kΩ
4.1
V
Output
I3OUT
2.0
Amp 3 Output
Current
Input
I3IN
4
0.1
0.2
0.3
mA
*: Guaranteed by design. Determined at design and does not change at manufacturing. Test not conducted.
Write Block (unless otherwise is specified, VCC ==== 5 V, VBAT ==== 3 V, Ta ==== 25°°°°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICCw
During write, CLK
= Low/High
3.7
5.2
ICCe
When write enabled
1.9
2.8
ICCB
When write in break
4.4
6.1
Ibat
During write, reactive current
(RWR = 5 kΩ)
1.4
1.8
IbaB
When write in break
1.0
1.6
mA
Ibar
During read
0
1
Current Dissipation
Ibao
2
When chip disabled
(on/off
= low or open)
0
1
µA
VBAT = 2.0 V
8
10
12
Set Output Current
IOC
5
IOC = 10 mA
(at VBAT = 2.0 V)
VBAT = 5.0 V
11
13
mA
TpLH1
0 to 10%
(Note1)
0.1
TpLH2
0 to 90%
(Note1)
0.5
TpHL1
0 to 10%
(Note1)
0.1
CLK Output Transfer Time
TpHL2
6
0 to 90%
(Note1)
0.5
µs
TpZH1
0 to 10%
(Note1)
0.3
TpZH2
0 to 90%
(Note1)
0.5
TpHZ1
0 to 10%
(Note1)
0.3
ENA Output Transfer Time
TpHZ2
6
0 to 90%
(Note1)
0.5
µs
Note 1: Load RL
= 36 Ω, CL = 10 pF


Similar Part No. - TA8496FL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8490 TOSHIBA-TA8490 Datasheet
783Kb / 21P
   3-PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC FOR CD-ROM DRIVES
TA8490F TOSHIBA-TA8490F Datasheet
783Kb / 21P
   3-PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC FOR CD-ROM DRIVES
TA8492P TOSHIBA-TA8492P Datasheet
178Kb / 13P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8492P TOSHIBA-TA8492P Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8492P/PG TOSHIBA-TA8492P/PG Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
More results

Similar Description - TA8496FL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1287PG TOSHIBA-TA1287PG Datasheet
428Kb / 24P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA78L05FTE12L TOSHIBA-TA78L05FTE12L Datasheet
390Kb / 19P
   Bipolar Linear Integrated Circuit Silicon Monolithic
TA4107F TOSHIBA-TA4107F Datasheet
102Kb / 7P
   Bipolar Linear Integrated Circuit Silicon Monolithic
TA8129Z TOSHIBA-TA8129Z Datasheet
1Mb / 27P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com