Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS8855-22CW Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FS8855-22CW
Description  500mA LDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8855-22CW Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FS8855-22CW Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8855-22CW Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8855-22CW Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8855-22CW Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8855-22CW Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8855-22CW Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8855-22CW Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8855-22CW Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8855-22CW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FS8855
500mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
4/13
TD-0405007
Rev. 1.4
http://www.fsc.com.tw
FAX: +886-2-2809-4874
T
Tyyp
piiccaall A
Ap
pp
plliiccaattiioon
n C
Ciirrccu
uiitt
A
Ab
bssoollu
uttee M
Maaxxiim
mu
um
m R
Raattiin
nggss
Input voltage VIN to GND -------------------------------------------------------------------------------------------------- 10V
Output current limit, I(LIMIT) -------------------------------------------------------------------------------------------------- 0.8A
Continuous power dissipation, PD (∆T= TJ -TA = 100°C)
SOT-223 ---------------------------------------------------------------------------------------------------------------------------------------- 0.65W
SOT-89
----------------------------------------------------------------------------------------------------------------------------------------
0.55W
TO-92
----------------------------------------------------------------------------------------------------------------------------------------
0.55W
* The power dissipation values are based on the condition that junction temperature TJ and ambient
temperature TA difference is 100°C.
Junction Temperature, TJ ----------------------------------------------------------------------------------------------- +155°C
Storage temperature range, TSTG ---------------------------------------------------------------------- -55℃ to +150°C
Operating junction temperature range ---------------------------------------------------------------- -40℃ to +125°C
Lead temperature (soldering, 10sec) ------------------------------------------------------------------------------- 260°C
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only, and function operation of the device at these or any other conditions beyond those
indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.


Similar Part No. - FS8855-22CW

ManufacturerPart #DatasheetDescription
logo
Fortune Semiconductor C...
FS8855-25GI FORTUNE-FS8855-25GI Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
FS8855-25GL FORTUNE-FS8855-25GL Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
FS8855-28GI FORTUNE-FS8855-28GI Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
FS8855-28GL FORTUNE-FS8855-28GL Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
More results

Similar Description - FS8855-22CW

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE511 ACE-ACE511 Datasheet
345Kb / 8P
   500mA LDO Linear Voltage Regulator
VER 1.2
logo
E-CMOS Corporation
EC49124 E-CMOS-EC49124 Datasheet
311Kb / 6P
   500mA Super LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
MAX38902C MAXIM-MAX38902C Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902B MAXIM-MAX38902B Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902D MAXIM-MAX38902D Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
Monolithic Power System...
EV2005DD-01B MPS-EV2005DD-01B Datasheet
443Kb / 4P
   500mA Low-Current LDO Linear Regulator EV Board
EV8904DD-00A MPS-EV8904DD-00A Datasheet
226Kb / 4P
   500mA Low-Current LDO Linear Regulator EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com