Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RUE160 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RUE160
Description  RUE090
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RUE160 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RUE160 Datasheet HTML 1Page - List of Unclassifed Manufacturers RUE160 Datasheet HTML 2Page - List of Unclassifed Manufacturers RUE160 Datasheet HTML 3Page - List of Unclassifed Manufacturers RUE160 Datasheet HTML 4Page - List of Unclassifed Manufacturers RUE160 Datasheet HTML 5Page - List of Unclassifed Manufacturers RUE160 Datasheet HTML 6Page - List of Unclassifed Manufacturers RUE160 Datasheet HTML 7Page - List of Unclassifed Manufacturers RUE160 Datasheet HTML 8Page - List of Unclassifed Manufacturers RUE160 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4. Determine time-to-trip.
Time-to-trip is the amount of time it takes for a device to switch to a
high-resistance state once a fault current has been applied across the
device.
Identifying the RUE device’s time-to-trip is important in order to provide
the desired protection capabilities. If the device you choose trips
too fast, undesired or nuisance tripping will occur. If the device trips
too slowly, the components being protected may be damaged before
the device switches to a high-resistance state.
The chart below shows the typical time-to-trip at 20°C for each
PolySwitch RUE device. For example, the chart indicates that the typi-
cal time-to-trip for RUE110 at 8 A is 1 second.
On the chart below, find the typical time-to-trip for the RUE device you
selected. If the RUE device’s time-to-trip is too fast or too slow for the
circuit, go back to Step 2 and choose an alternate device.
Typical time-to-trip at 20°C
A = RUE090
B = RUE110
C = RUE135
D = RUE160
E = RUE185
F = RUE250
G = RUE300
H = RUE400
I = RUE500
J = RUE600
K = RUE700
L = RUE800
M = RUE900
144 RUE Devices
Raychem Circuit Protection Devices
RUE
Radial Leaded
1000
1
10
100
Fault current (A)
M
L
K
J
I
H
G
F
E
D
C
B
A
100
10
1
0.1
0.01
0.001
4
RUE(7)
1/15/99 11:28 AM
Page 144


Similar Part No. - RUE160

ManufacturerPart #DatasheetDescription
logo
Rohm
RUE002N02 ROHM-RUE002N02 Datasheet
222Kb / 5P
   1.2V Drive Nch MOSFET
RUE002N05 ROHM-RUE002N05 Datasheet
193Kb / 6P
   1.2V Drive Nch MOSFET
RUE002N05 ROHM-RUE002N05 Datasheet
182Kb / 6P
   1.2V Drive Nch MOSFET
RUE002N05_1006 ROHM-RUE002N05_1006 Datasheet
182Kb / 6P
   1.2V Drive Nch MOSFET
RUE003N02 ROHM-RUE003N02 Datasheet
105Kb / 4P
   2.5V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com