Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RUE160 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # RUE160
Description  RUE090
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RUE160 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button RUE160 Datasheet HTML 3Page - List of Unclassifed Manufacturers RUE160 Datasheet HTML 4Page - List of Unclassifed Manufacturers RUE160 Datasheet HTML 5Page - List of Unclassifed Manufacturers RUE160 Datasheet HTML 6Page - List of Unclassifed Manufacturers RUE160 Datasheet HTML 7Page - List of Unclassifed Manufacturers RUE160 Datasheet HTML 8Page - List of Unclassifed Manufacturers RUE160 Datasheet HTML 9Page - List of Unclassifed Manufacturers RUE160 Datasheet HTML 10Page - List of Unclassifed Manufacturers RUE160 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Part marking system
-
30
Voltage rating
Raychem symbol
U
Part ID
Product family (RUE)
Lot number/Date code (may be on the back)
Raychem Circuit Protection Devices
RUE Devices
151
V 30
U135
NJ2K
Example
V
RUE
Radial Leaded
Part
Part
description
ID
RUE090
090
RUE110
110
RUE135
135
RUE160
160
RUE185
185
RUE250
250
RUE300
300
RUE400
400
RUE500
500
RUE600
600
RUE700
700
RUE800
800
RUE900
900
• Operation beyond maximum ratings or improper use may result in
device damage and possible electrical arcing and flame.
• These devices are intended for protection against occasional over-
current or overtemperature fault conditions, and should not be used
when repeated fault conditions are anticipated.
• Operation in circuits with inductive spikes can generate voltages
above the rated voltage of the devices and should be evaluated for
suitability of use.
WARNING:
4
RUE(7)
1/15/99 11:28 AM
Page 151


Similar Part No. - RUE160

ManufacturerPart #DatasheetDescription
logo
Rohm
RUE002N02 ROHM-RUE002N02 Datasheet
222Kb / 5P
   1.2V Drive Nch MOSFET
RUE002N05 ROHM-RUE002N05 Datasheet
193Kb / 6P
   1.2V Drive Nch MOSFET
RUE002N05 ROHM-RUE002N05 Datasheet
182Kb / 6P
   1.2V Drive Nch MOSFET
RUE002N05_1006 ROHM-RUE002N05_1006 Datasheet
182Kb / 6P
   1.2V Drive Nch MOSFET
RUE003N02 ROHM-RUE003N02 Datasheet
105Kb / 4P
   2.5V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com