Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SCC100
Description  Pressure Sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCC100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SCC100 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCC100 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCC100 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCC100 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCC100 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SCC SERIES
Pressure Sensors
January 1998/040
Aubinger Weg 27, 82178 Puchheim, Germany
Phone 0049 - (0) 89 80 08 30, Fax 0049 - (0) 89 8 00 83 33
http://www.sensortechnics.com
PRESSURE SENSOR CHARACTERISTICS
Part Number
SCC05(D,G)
SCC15A
SCC15(D,G)
SCC30(A,D,G)
SCC100A
SCC100(D,G)9
SCC300A
Performance Characteristics (Individual Models) I
S = 1.0 mA, TA = 25°C
1
Operating
Pressure
Range
0-5 psid(g)
0-15 psia
0-15 psid(g)
0-30 psid(g)
0-100 psia
0-100 psig
0-300 psia
Maximum
Over
Pressure
20 psi
30 psia
30 psi
60 psi
150 psia
150 psig
450 psia
Accuracy2
0.50%
0.50%
0.50%
0.50%
0.50%
0.50%
0.50%
Effect
On Span3
(0°C-50°C)
1.50%
1.50%
1.50%
1.50%
1.50%
1.50%
1.50%
Effect
On Offset4
(0°C-50°C)
2.00%
2.00%
2.00%
2.00%
2.00%
2.00%
2.00%
Full-Scale
Span5
(mV)
25-65
30-95
40-95
60-150
85-225
85-225
50-120
Performance Characteristics (All Models) I
S = 1.0 mA, TA = 25°C
Characteristics
Zero Pressure Offset
Combined, Linearity, Hysteresis, Repeatability2
Temperature Effect on Span3, 8
Temperature Effect on Offset4,8
Long Term Stability of Offset and Span6
Response Time (10% to 90%)7
Input Impedance
Output Impedance
Min.
-30.0
---
---
---
---
---
4.00
4.00
Typ.
-10
0.25
0.25
0.50
0.10
0.10
5.00
5.00
Max.
20.0
0.50
1.50
2.00
---
---
6.50
6.50
Unit
mV
%FSO
%FSO
%FSO
%FSO
mSec
k
k
Specification Notes:
1:
Reference Conditions: Supply Current = 1.0 mA, T
A=25°C, Common-mode Line Pressure = 0 psig, Pressure Applied to P1, unless otherwise noted.
2:
Accuracy is the sum of Hysterisis and Linearity. Hysterisis is the maximum output difference at any point within the operating pressure range for increasing and decreasing pressure.
Linearity refers to the best straight line fit as measured for the offset, full-scale and 1/2 full-scale pressure at 25°C.
3:
This is the maximum temperature shift for span when measured between 0°C and 50°C relative to the 25°C reading. Typical temperature coefficients for span and resistance are
-2200 ppm/°C and +2200 ppm/°C respectively.
4:
This is the maximum temperature shift for offset when measured between 0°C and 50°C relative to the 25°C reading.
5:
Span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure.
6:
Maximum difference in output at any pressure with the operating pressure range and temperature within
0°C to 50°C after:
a)
100 temperature cycles, 0°C to 50°C
b)
1.0 million pressure cycles, 0 psi to full-scale span
7:
Response time for a 0 psi to full-scale span pressure step change. 10% to 90% rise time
8:
Temp effect on span and offset are guaranteed by design. Therefore these parameters are not 100% tested.
9:
The SCC100D devices can only be used in a forward gauge mode. Application of more than 30 psig to the back side of any of the SCC Series devices can result in device failure.
Maximum Ratings (For All Devices)
Supply Current, I
S
1.5 mA
Temperature Ranges
Compensated
0°C to +50°C
Operating
-40°C to +85°C
Storage
-55°C to +125°C
Humidity
0 to 100 %RH
Lead Temperature (soldering 4 sec)
250°C
Common-Mode Pressure
150 psi


Similar Part No. - SCC100

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
SCC100A SENSORTECHNICS-SCC100A Datasheet
103Kb / 5P
   Pressure sensors
SCC100AD2 SENSORTECHNICS-SCC100AD2 Datasheet
103Kb / 5P
   Pressure sensors
logo
Honeywell Accelerometer...
SCC100AD2 HONEYWELL-ACC-SCC100AD2 Datasheet
147Kb / 4P
   CPX and XPX Cross to NSC Series
SCC100AD4 HONEYWELL-ACC-SCC100AD4 Datasheet
147Kb / 4P
   CPX and XPX Cross to NSC Series
logo
Sensortechnics GmbH
SCC100AN SENSORTECHNICS-SCC100AN Datasheet
103Kb / 5P
   Pressure sensors
More results

Similar Description - SCC100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com