Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWIXFPCD0SE000 Datasheet(PDF) 11 Page - Intel Corporation

Part # FWIXFPCD0SE000
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FWIXFPCD0SE000 Datasheet(HTML) 11 Page - Intel Corporation

Back Button FWIXFPCD0SE000 Datasheet HTML 7Page - Intel Corporation FWIXFPCD0SE000 Datasheet HTML 8Page - Intel Corporation FWIXFPCD0SE000 Datasheet HTML 9Page - Intel Corporation FWIXFPCD0SE000 Datasheet HTML 10Page - Intel Corporation FWIXFPCD0SE000 Datasheet HTML 11Page - Intel Corporation FWIXFPCD0SE000 Datasheet HTML 12Page - Intel Corporation FWIXFPCD0SE000 Datasheet HTML 13Page - Intel Corporation FWIXFPCD0SE000 Datasheet HTML 14Page - Intel Corporation FWIXFPCD0SE000 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 226 page
background image
Datasheet
11
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
Contents
120
Modified/added text under Section 4.3.2, “Internal Loopback”.
121
Modified text under Section 4.3.6, “MII Isolate”.
121
Section 4.3.7, “MDIO Management Interface”:
Added note under second paragraph.
Added last paragraph.
123
Added note under Section 4.3.8, “MII Sectionalization”.
124
Added new Section 4.3.11, “FIFO Initial Fill Values”
125
Modified paragraph three under Section 4.4.1, “Power Requirements”.
127
Added notes under second and last paragraphs under Section 4.5.3, “Power-Down Mode”.
128
Modified last bullet under Section 4.5.3.1, “Global (Hardware) Power Down”.
128
Added last paragraph to Section 4.5.4, “Reset”.
129
Modified Table 42 “Intel® LXT9785/9785E Global Hardware Configuration Settings”.
130
Change heading and modified last line under Section 4.6.1.2, “Manual Next Page Exchange”.
130
Section 4.6.1.4, “Link Criteria”:
Changed scrambler to descrambler in first line.
Modified second paragraph.
Added two new paragraphs.
131
Added second paragraph under Section 4.6.1.5, “Parallel Detection”.
131
Modified paragraphs under Section 4.6.1.6, “Reliable Link Establishment While Auto MDI/MDIX is
Enabled in Forced Speed Mode”.
136
Changed “1110” to “0101” under Section 4.7.4.3, “Receive Error”.
141
Added note under first paragraph of Section 4.8, “RMII Operation”
148
Changed “asynchronously” to “synchronously” in second paragraph under Section 4.9.3.3, “Carrier
Sense/Data Valid (RMII)”.
148
Modified last sentence in first paragraph under Section 4.9.3.4, “Carrier Sense (SMII)”.
149
Modified paragraph under Section 4.9.3.6.3, “Polarity Correction”.
149
Added note under Section 4.9.3.7, “Fiber PMD Sublayer”.
149
Added second paragraph under Section 4.9.3.7.1, “Far End Fault Indications”.
150
Modified/added text under Section 4.10.1, “Preamble Handling”.
151
Modified text under Section 4.10.4, “Jabber”.
152
Modified first paragraph under Section 4.11, “DTE Discovery Process”.
153
Modified Item 1 of Section 4.11.2, “Interaction between Processor, MAC, and PHY”.
154
Modified second paragraph under Section 4.11.4, “DTE Discovery Process Flow”.
155
Added Section 4.11.5, “DTE Discovery Behavior”
157
Added BGA15 information into first paragraph under Section 4.12.2, “Per-Port LED Driver
Functions”.
158
Added last sentence to first paragraph and note under first paragraph under Section 4.12.3, “Out-of-
Band Signaling”.
160
Added Section 4.13, “Cable Diagnostics Overview”.
161
Modified/added text under Section 4.13.3, “Implementation Considerations”.
Revision Number: 007
Revision Date: August 28, 2003
Page
Description


Similar Part No. - FWIXFPCD0SE000

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
FWIXC1100BB INTEL-FWIXC1100BB Datasheet
1Mb / 134P
   Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
FWIXC1100BC INTEL-FWIXC1100BC Datasheet
1Mb / 134P
   Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
FWIXC1100BD INTEL-FWIXC1100BD Datasheet
1Mb / 134P
   Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
FWIXP420BB INTEL-FWIXP420BB Datasheet
1Mb / 134P
   Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
FWIXP420BC INTEL-FWIXP420BC Datasheet
1Mb / 134P
   Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
More results

Similar Description - FWIXFPCD0SE000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT972M INTEL-LXT972M Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
logo
Advantech Co., Ltd.
EDG-6528 ADVANTECH-EDG-6528 Datasheet
63Kb / 1P
   8-port 10/100 Mbps Industrial Ethernet Switches
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
logo
Advantech Co., Ltd.
EKI-6538 ADVANTECH-EKI-6538 Datasheet
64Kb / 1P
   8-port 10/100 Mbps Industrial Smart Ethernet Switch
logo
List of Unclassifed Man...
BS-2108U ETC2-BS-2108U Datasheet
414Kb / 2P
   8-port Unmanaged Layer 2 100/10 Mbps Switch
KS8995 ETC-KS8995 Datasheet
43Kb / 2P
   5 Port 10/100 Switch with PHY
logo
Vitesse Semiconductor C...
VSC8538XHJ VITESSE-VSC8538XHJ Datasheet
252Kb / 2P
   Octal Port 10/100/1000BASE-T PHY
logo
Micrel Semiconductor
KS8997 MICREL-KS8997_07 Datasheet
620Kb / 39P
   8-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8997 MICREL-KS8997 Datasheet
168Kb / 37P
   8-Port 10/100 Integrated Switch with PHY and Frame Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com