Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1025-1Z-161.1328 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # M1025-1Z-161.1328
Description  VCSO BASED CLOCK PLL WITH AUTOSWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M1025-1Z-161.1328 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button M1025-1Z-161.1328 Datasheet HTML 6Page - Integrated Circuit Systems M1025-1Z-161.1328 Datasheet HTML 7Page - Integrated Circuit Systems M1025-1Z-161.1328 Datasheet HTML 8Page - Integrated Circuit Systems M1025-1Z-161.1328 Datasheet HTML 9Page - Integrated Circuit Systems M1025-1Z-161.1328 Datasheet HTML 10Page - Integrated Circuit Systems M1025-1Z-161.1328 Datasheet HTML 11Page - Integrated Circuit Systems M1025-1Z-161.1328 Datasheet HTML 12Page - Integrated Circuit Systems M1025-1Z-161.1328 Datasheet HTML 13Page - Integrated Circuit Systems M1025-1Z-161.1328 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
M1025/26 Datasheet Rev 1.0
11 of 14
Revised 28Jul2004
Integr ated Circuit Systems , Inc. ● Netw o r ki ng & C o mmun ica t io ns ● ww w. icst.com ● tel (5 08) 85 2-54 00
M1025/26
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Prod uct Data Sh eet
Integrated
Circuit
Systems, Inc.
ELECTRICAL SPECIFICATIONS
DC Characteristics
Unless stated otherwise, V
CC = 3.3V +5%,TA = 0
oC to +70 oC (commercial), T
A = -40
oC to +85 oC (industrial), F
VCSO = FOUT = 150-175MHz,
LVPECL outputs terminated with 50
Ω to V
CC - 2V
Symbol Parameter
Min
Typ
Max Unit Conditions
Power Supply V
CC
Positive Supply Voltage
3.135
3.3
3.465
V
I
CC
Power Supply Current
175
225
mA
All
Differential
Inputs
V
P
-P
Peak to Peak Input Voltage
DIF_REF0, nDIF_REF0,
DIF_REF1, nDIF_REF1
0.15
V
V
CMR
Common Mode Input
0.5
Vcc - .85 V
C
IN
Input Capacitance
4
pF
Differential
Inputs with
Pull-down
I
IH
Input High Current (Pull-down)
DIF_REF0, DIF_REF1
150
µA
V
CC = VIN =
3.456V
I
IL
Input Low Current (Pull-down)
-5
µA
Rpulldown Internal Pull-down Resistance
50
k
Differential
Inputs
Biased to
VCC/2
I
IH
Input High Current (Biased)
nDIF_REF0, nDIF_REF1
150
µA
V
IN =
0 to 3.456V
I
IL
Input Low Current (Biased)
-150
µA
Rbias
Biased to Vcc/2
See Figure 4
All LVCMOS
/ LVTTL
Inputs
V
IH
Input High Voltage
AUTO, REF_SEL,
MR_SEL3, MR_SEL2,
MR_SEL1, MR_SEL0,
P_SEL1, P_SEL0, NBW
2
Vcc + 0.3 V
V
IL
Input Low Voltage
-0.3
0.8
V
C
IN
Input Capacitance
4
pF
LVCMOS /
LVTTL
Inputs with
Pull-down
I
IH
Input High Current (Pull-down)
AUTO, REF_SEL,
MR_SEL3, MR_SEL2,
MR_SEL1, MR_SEL0,
P_SEL1, P_SEL0
150
µA
V
CC = VIN =
3.456V
I
IL
Input Low Current (Pull-down)
-5
µA
Rpulldown Internal Pull-down Resistance
50
k
LVCMOS /
LVTTL
Inputs with
Pull-UP
I
IH
Input High Current (Pull-UP)
NBW
5
µA
V
CC = 3.456V
V
IN = 0 V
I
IL
Input Low Current (Pull-UP)
-150
µA
Rpullup
Internal Pull-UP Resistance
50
k
Differential
Outputs
V
OH
Output High Voltage
FOUT, nFOUT
Vcc - 1.4
Vcc - 1.0 V
V
OL
Output Low Voltage
Vcc - 2.0
Vcc - 1.7 V
V
P
-P
Peak to Peak Output Voltage 1
Note 1: Single-ended measurement. See Figure 6, Output Rise and Fall Time, on pg. 12.
0.4
0.85
V
LVCMOS
Output
V
OH
Output High Voltage
LOL, REF_ACK
2.4
V
CC
V
I
OH= 1mA
V
OL
Output Low Voltage
GND
0.4
V
I
OL= 1mA
Table 10: DC Characteristics


Similar Part No. - M1025-1Z-161.1328

ManufacturerPart #DatasheetDescription
logo
Analog Devices
M1025-1026 AD-M1025-1026 Datasheet
164Kb / 16P
   Low-Cost PC Hardware Monitor ASIC
REV. A
More results

Similar Description - M1025-1Z-161.1328

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M1033 ICST-M1033 Datasheet
198Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1040 ICST-M1040 Datasheet
436Kb / 12P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M2020-2021 ICST-M2020-2021 Datasheet
431Kb / 10P
   VCSO BASED CLOCK PLL
M2006-02A ICST-M2006-02A Datasheet
391Kb / 8P
   VCSO BASED FEC CLOCK PLL
M2080-2087 ICST-M2080-2087 Datasheet
501Kb / 14P
   VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
M2006-12A ICST-M2006-12A Datasheet
419Kb / 10P
   VCSO BASED FEC CLOCK PLL WITH HITLESS SWITCHING
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
   VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
M906-01 ICST-M906-01 Datasheet
352Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
M902-01 ICST-M902-01 Datasheet
328Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
M1010-01 ICST-M1010-01 Datasheet
360Kb / 8P
   VCSO BASED CLOCK JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com