Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1025-1Z-156.8324 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # M1025-1Z-156.8324
Description  VCSO BASED CLOCK PLL WITH AUTOSWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M1025-1Z-156.8324 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  M1025-1Z-156.8324 Datasheet HTML 1Page - Integrated Circuit Systems M1025-1Z-156.8324 Datasheet HTML 2Page - Integrated Circuit Systems M1025-1Z-156.8324 Datasheet HTML 3Page - Integrated Circuit Systems M1025-1Z-156.8324 Datasheet HTML 4Page - Integrated Circuit Systems M1025-1Z-156.8324 Datasheet HTML 5Page - Integrated Circuit Systems M1025-1Z-156.8324 Datasheet HTML 6Page - Integrated Circuit Systems M1025-1Z-156.8324 Datasheet HTML 7Page - Integrated Circuit Systems M1025-1Z-156.8324 Datasheet HTML 8Page - Integrated Circuit Systems M1025-1Z-156.8324 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
M1025/26 Datasheet Rev 1.0
4 of 14
Revised 28Jul2004
I n te g r at ed Ci rcui t Systems , In c. ● N e tw o r ki ng & Co mmun ica t io ns ● ww w. icst.co m ● tel (5 08 ) 85 2-5 4 0 0
Integrated
Circuit
Systems, Inc.
M1025/26
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Prod uct Data Sh eet
General Guidelines for M and R Divider Selection
General guidelines for M/R divider selection (see
following pages for more detail):
A lower phase detector frequency should be used for
loop timing applications to assure PLL tracking,
especially during GR-253 jitter tolerance testing. The
recommended maximum phase detector frequency
for loop timing mode is 19.44MHz. The LOL pin should
not be used during loop timing mode.
When LOL is to be used for system health monitoring,
the phase detector frequency should be 5MHz or
greater. Low phase detector frequencies make LOL
overly sensitive, and higher phase detector
frequencies make LOL less sensitive.
The preceding guideline also applies when using the
AutoSwitch Mode, since AutoSwitch uses
the LOL
output for clock fault detection.
P Divider Look-Up Table (LUT)
The P_SEL1 and P_SEL0 pins select the post-PLL divider
value P. The output frequency of the SAW can be
divided by 1 or 2 or the output can be TriStated as
specified in Table 5.
FUNCTIONAL DESCRIPTION
The M1025/26 is a PLL (Phase Locked Loop) based
clock generator that generates an output clock synchro-
nized to one of two selectable input reference clocks.
An internal high "Q" SAW delay line provides low jitter
signal performance.
A pin-selected look-up table is used to select the PLL
feedback divider (M Div) and reference divider (R Div)
as shown in Tables 3 and 4 on pg. 3. These look-up
tables provide flexibility in both the overall frequency
multiplication ratio (total PLL ratio) and phase detector
frequency.
The M1025/26 includes a Loss of Lock (LOL) indicator,
which provides status information to system
management software. A Narrow Bandwidth (NBW)
control pin is provided as an additional mechanism for
adjusting PLL loop bandwidth without affecting the
phase detector frequency.
An automatic input reselection feature, or “AutoSwitch”
is also included in the M1025/26. When the AutoSwitch
mode is enabled, the device will automatically switch to
the other reference clock input when the currently
selected reference clock fails. Reference selection is
non-revertive, meaning that only one reference
reselection will be made each time that AutoSwitch is
re-enabled.
In addition to the AutoSwitch feature, Hitless Switching
and Phase Build-out options can be ordered with the
device. The Hitless Switching and Phase Build-out
options help assure SONET/SDH MTIE and TDEV
compliance during either a manual or automatic input
reference reselection.
P_SEL1:0
P Value
M1025-155.5200 or M1026-155.5200
Output Frequency (MHz)
0
0
2
77.76
0
1
1
155.52
1
0
2
77.76
1
1
TriState
N/A
Table 5: P Divider Look-Up Table (LUT)


Similar Part No. - M1025-1Z-156.8324

ManufacturerPart #DatasheetDescription
logo
Analog Devices
M1025-1026 AD-M1025-1026 Datasheet
164Kb / 16P
   Low-Cost PC Hardware Monitor ASIC
REV. A
More results

Similar Description - M1025-1Z-156.8324

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M1033 ICST-M1033 Datasheet
198Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1040 ICST-M1040 Datasheet
436Kb / 12P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M2020-2021 ICST-M2020-2021 Datasheet
431Kb / 10P
   VCSO BASED CLOCK PLL
M2006-02A ICST-M2006-02A Datasheet
391Kb / 8P
   VCSO BASED FEC CLOCK PLL
M2080-2087 ICST-M2080-2087 Datasheet
501Kb / 14P
   VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
M2006-12A ICST-M2006-12A Datasheet
419Kb / 10P
   VCSO BASED FEC CLOCK PLL WITH HITLESS SWITCHING
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
   VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
M906-01 ICST-M906-01 Datasheet
352Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
M902-01 ICST-M902-01 Datasheet
328Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
M1010-01 ICST-M1010-01 Datasheet
360Kb / 8P
   VCSO BASED CLOCK JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com