Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATT3030-50M68I Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ATT3030-50M68I
Description  Field-Programmable Gate Arrays
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATT3030-50M68I Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ATT3030-50M68I Datasheet HTML 2Page - List of Unclassifed Manufacturers ATT3030-50M68I Datasheet HTML 3Page - List of Unclassifed Manufacturers ATT3030-50M68I Datasheet HTML 4Page - List of Unclassifed Manufacturers ATT3030-50M68I Datasheet HTML 5Page - List of Unclassifed Manufacturers ATT3030-50M68I Datasheet HTML 6Page - List of Unclassifed Manufacturers ATT3030-50M68I Datasheet HTML 7Page - List of Unclassifed Manufacturers ATT3030-50M68I Datasheet HTML 8Page - List of Unclassifed Manufacturers ATT3030-50M68I Datasheet HTML 9Page - List of Unclassifed Manufacturers ATT3030-50M68I Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
Data Sheet
ATT3000 Series Field-Programmable Gate Arrays
February 1997
6
Lucent Technologies Inc.
I/O Block (continued)
For reliable operation, inputs should have transition
times of less than 100 ns and should not be left float-
ing. Floating CMOS input-pin circuits might be at
threshold and produce oscillations. This can produce
additional power dissipation and system noise. A
typical hysteresis of about 300 mV reduces sensitivity
to input noise. Each user IOB includes a programmable
high-impedance pull-up resistor which is selected by
the program to provide a constant high for otherwise
undriven package pins. Normal CMOS handling
precautions should be observed.
Flip-flop loop delays for the IOB and logic block flip-
flops are approximately 3 ns. This short delay provides
good performance under asynchronous clock and data
conditions. Short loop delays minimize the probability
of a metastable condition which can result from asser-
tion of the clock during data transitions. Because of the
short loop delay characteristic in the FPGA, the IOB
flip-flops can be used to synchronize external signals
applied to the device. When synchronized in the IOB,
the signals can be used internally without further con-
sideration of their clock relative timing, except as it
applies to the internal logic and routing path delays.
Output buffers of the IOBs provide CMOS-compatible
4 mA source-or-sink drive for high fan-out CMOS or
TTL compatible signal levels. The network driving IOB
pin .o becomes the registered or direct data source for
the output buffer. The 3-state control signal (IOB pin .t)
can control output activity. An open-drain type output
may be obtained by using the same signal for driving
the output and 3-state signal nets so that the buffer out-
put is enabled only for a LOW.
Configuration program bits for each IOB control
features such as optional output register, logical signal
inversion, and 3-state and slew rate control of the out-
put.
The program-controlled memory cells in Figure 3
control the following options:
s
Logical inversion of the output is controlled by one
configuration program bit per IOB.
s
Logical 3-state control of each IOB output buffer is
determined by the states of configuration program
bits which turn the buffer on or off or select the output
buffer 3-state control interconnection (IOB pin .t).
When this IOB output control signal is high, a logic 1,
the buffer is disabled and the package pin is high
impedance. When this IOB output control signal is
low, a logic 0, the buffer is enabled and the package
pin is active. Inversion of the buffer 3-state control
logic sense (output enable) is controlled by an addi-
tional configuration program bit.
s
Direct or registered output is selectable for each IOB.
The register uses a positive-edge, clocked flip-flop.
The clock source may be supplied (IOB pin .ok) by
either of two metal lines available along each die
edge. Each of these lines is driven by an invertible
buffer.
s
Increased output transition speed can be selected to
improve critical timing. Slower transitions reduce
capacitive load peak currents of noncritical outputs
and minimize system noise.
s
A high-impedance pull-up resistor may be used to
prevent unused inputs from floating.
Summary of I/O Options
s
Inputs
—Direct
—Flip-flop/latch
—CMOS/TTL threshold (chip inputs)
—Pull-up resistor/open circuit
s
Outputs
—Direct/registered
—Inverted/not
—3-state/on/off
—Full speed/slew limited
—3-state/output enable (inverse)


Similar Part No. - ATT3030-50M68I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATT3209 ETC1-ATT3209 Datasheet
637Kb / 10P
   Temperature Compensating Gamma Trimster TM ATT3209
More results

Similar Description - ATT3030-50M68I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
   Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
   XC4000XLA/XV Field Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com