Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATT3030-50H68I Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ATT3030-50H68I
Description  Field-Programmable Gate Arrays
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATT3030-50H68I Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ATT3030-50H68I Datasheet HTML 1Page - List of Unclassifed Manufacturers ATT3030-50H68I Datasheet HTML 2Page - List of Unclassifed Manufacturers ATT3030-50H68I Datasheet HTML 3Page - List of Unclassifed Manufacturers ATT3030-50H68I Datasheet HTML 4Page - List of Unclassifed Manufacturers ATT3030-50H68I Datasheet HTML 5Page - List of Unclassifed Manufacturers ATT3030-50H68I Datasheet HTML 6Page - List of Unclassifed Manufacturers ATT3030-50H68I Datasheet HTML 7Page - List of Unclassifed Manufacturers ATT3030-50H68I Datasheet HTML 8Page - List of Unclassifed Manufacturers ATT3030-50H68I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
Data Sheet
ATT3000 Series Field-Programmable Gate Arrays
February 1997
4
Lucent Technologies Inc.
Configuration Memory
The static memory cell used for the configuration mem-
ory in the FPGA has been designed specifically for
high reliability and noise immunity. Integrity of the
FPGA configuration memory based on this design is
ensured even under various adverse conditions. Com-
pared with other programming alternatives, static mem-
ory is believed to provide the best combination of high
density, high performance, high reliability, and compre-
hensive testability.
As shown in Figure 2, the basic memory cell consists of
two CMOS inverters plus a pass transistor used for
writing and reading cell data. The cell is only written to
during configuration and only read from during read-
back. During normal operation, the cell provides contin-
uous control and the pass transistor is off and does not
affect cell stability. This is quite different from the opera-
tion of conventional memory devices, in which the cells
are frequently read and rewritten.
The memory cell outputs Q and Q use full ground and
VCC levels and provide continuous, direct control. The
additional capacitive load and the absence of address
decoding and sense amplifiers provide high stability to
the cell. Due to their structure, the configuration mem-
ory cells are not affected by extreme power supply
excursions or very high levels of alpha particle radia-
tion. Soft errors have not been observed in reliability
testing.
Two methods of loading configuration data use serial
data, while three use byte-wide data. The internal con-
figuration logic utilizes framing information, embedded
in the program data by the ORCA Foundry Develop-
ment System, to direct memory cell loading. The serial
data framing and length count preamble provide pro-
gramming compatibility for mixes of various Lucent pro-
grammable gate arrays in a synchronous, serial, daisy-
chain fashion.
Figure 2. Static Configuration Memory Cell
READ OR
WRITE
DATA
Q
Q
CONFIGURATION
CONTROL
5-3101(F)


Similar Part No. - ATT3030-50H68I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATT3209 ETC1-ATT3209 Datasheet
637Kb / 10P
   Temperature Compensating Gamma Trimster TM ATT3209
More results

Similar Description - ATT3030-50H68I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
   Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
   XC4000XLA/XV Field Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com