Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1055AMH Datasheet(PDF) 10 Page - Linear Technology

Part # LT1055AMH
Description  Precision, High Speed, JFET Input Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1055AMH Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1055AMH Datasheet HTML 4Page - Linear Technology LT1055AMH Datasheet HTML 5Page - Linear Technology LT1055AMH Datasheet HTML 6Page - Linear Technology LT1055AMH Datasheet HTML 7Page - Linear Technology LT1055AMH Datasheet HTML 8Page - Linear Technology LT1055AMH Datasheet HTML 9Page - Linear Technology LT1055AMH Datasheet HTML 10Page - Linear Technology LT1055AMH Datasheet HTML 11Page - Linear Technology LT1055AMH Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1055/LT1056
TYPICAL APPLICATIONS
Fast, 16-Bit Current Comparator
Temperature-to-Frequency Converter
+
+
2
15V
7
6
3
15V
LT1056
4.7k
50k*
INPUT
LT1009
2.5V
100k*
4
–15V
2
HP5082-2810
8
15V
3k
OUTPUT
1
7
4
–15V
LT1011
3
DELAY = 250ns
* = 1% FILM RESISTOR
LT1055/56 TA06
LT1055/56 TA07
2
3
–15V
7
4
6
LT1055
15V
15V
560
15V
+
LM329
510
820Ω*
6.2k*
500
0°C ADJ
2k
100°C
ADJ
6.2k*
1k*
1k*
2N2907
2N2222
0.01µF
POLYSTYRENE
510pF
2.7k
10k
10k
4.7k
2N2222
TTL OUTPUT
0kHz TO 1kHz =
0°C TO 100°C
2V
LM134
137
Ω*
*1% FILM RESISTOR
12-Bit Charge Balance A/D Converter
+
+
28k
33k
14k
74C00
0.003µF
CLK OUTPUT (B)
10k
OUTPUT
(A)
D
P
CL
Q
Q
CLK
74C74
1N4148
0.01
2
15V
–15V
7
4
6
3
1N4148
1N4148
15V
10k
2N3904
249k*
0V TO 10V INPUT
COUPLE
THERMALLY
1N4148
6
33k
LM329
10k
15V
2
3
7
4
15V
–15V
LT1055/56 TA04
LT1055
LT1001
CIRCUIT OUTPUT
RATIO
fOUT (A)
fCLK (B)
Fast “No Trims” 12-Bit Multiplying CMOS DAC Amplifier
LT1055/56 TA05
RFEEDBACK
IOUT1
IOUT2
OUTPUT
REFERENCE
IN
TYPICAL 12-BIT
CMOS DAC
+
LT1055


Similar Part No. - LT1055AMH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1055AMH LINER-LT1055AMH Datasheet
281Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
More results

Similar Description - LT1055AMH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
LT1055 LINER-LT1055_1 Datasheet
281Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
LT1055 LINER-LT1055_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
OP-15 LINER-OP-15 Datasheet
424Kb / 4P
   Precision, High Speed JFET-Input Operational Amplifiers
LT1055S8 LINER-LT1055S8 Datasheet
162Kb / 3P
   Precision, High Speed, JFET Input Operational Amplifiers?
logo
Analog Devices
OP-16 AD-OP-16_15 Datasheet
793Kb / 14P
   PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP-15 AD-OP-15 Datasheet
776Kb / 14P
   PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS
OP-17 AD-OP-17_15 Datasheet
793Kb / 14P
   PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP15 AD-OP15 Datasheet
429Kb / 12P
   Precision JFET-Input Operational Amplifiers
REV. A
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com