Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1055ACH Datasheet(PDF) 9 Page - Linear Technology

Part # LT1055ACH
Description  Precision, High Speed, JFET Input Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1055ACH Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1055ACH Datasheet HTML 4Page - Linear Technology LT1055ACH Datasheet HTML 5Page - Linear Technology LT1055ACH Datasheet HTML 6Page - Linear Technology LT1055ACH Datasheet HTML 7Page - Linear Technology LT1055ACH Datasheet HTML 8Page - Linear Technology LT1055ACH Datasheet HTML 9Page - Linear Technology LT1055ACH Datasheet HTML 10Page - Linear Technology LT1055ACH Datasheet HTML 11Page - Linear Technology LT1055ACH Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1055/LT1056
APPLICATIONS INFORMATION
Phase Reversal Protection
Most industry standard JFET input op amps (e.g., LF155/
LF156, LF351, LF411, OP15/16) exhibit phase reversal at
the output when the negitive common-mode limit at the
input is exceeded (i.e., from –12V to –15V with
±15V
supplies). This can cause lock-up in servo systems. As
shown below, the LT1055/LT1056 does not have this
problem due to unique phase reversal protection circuitry
(Q1 on simplified schematic).
0.5ms/DIV
0.5ms/DIV
0.5ms/DIV
LT1055/56 AI06
LT1055/56 AI07
LT1055/56 AI08
TYPICAL APPLICATIONS
Exponential Voltage-to-Frequency Converter for Music Synthesizers
INPUT
0V TO 10V
LT1055/56 TA03
+
11.3k*
EXPONENT
TRIM
2500
Ω*
562
Ω*
3.57k*
ZERO TRIM
15V
500k
500
Ω*
4.7k
1.1k
10k*
3k
10k*
1k*
1k*
4.7k
2
3
4
5
6
–15V
–15V
7
LT1055
15V
500pF
POLYSTYRENE
6
2
3
15V
7
LM301A
15V
6
8
2N3906
2N3904
SAWTOOTH
OUTPUT
LM329
0.01µF
1
4
2
3
1
1N148
13
14
15 2.2k
9
7
8
33
TEMPERATURE CONTROL LOOP
SCALE FACTOR
1V IN OCTAVE OUT
*1% METAL FILM RESISTOR
PIN NUMBERED TRANSISTORS = CA3096 ARRAY
+
For ten additional applications utilizing the
LT1055 and LT1056, please see the LTC1043
data sheet and Application Note 3.
Voltage Follower with Input Exceeding the Negative
Common-Mode Range
+
2k
–15V
15V
OUTPUT
2
3
4
INPUT
±15V
SINE WAVE
7
6
LT1055/56
LT1055/56 AI05
Output
LT1055/LT1056
Output
(LF155/LF56, LF441, OP-15/OP-16)
Input


Similar Part No. - LT1055ACH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1055ACH LINER-LT1055ACH Datasheet
281Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
More results

Similar Description - LT1055ACH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
LT1055 LINER-LT1055_1 Datasheet
281Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
LT1055 LINER-LT1055_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
OP-15 LINER-OP-15 Datasheet
424Kb / 4P
   Precision, High Speed JFET-Input Operational Amplifiers
LT1055S8 LINER-LT1055S8 Datasheet
162Kb / 3P
   Precision, High Speed, JFET Input Operational Amplifiers?
logo
Analog Devices
OP-16 AD-OP-16_15 Datasheet
793Kb / 14P
   PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP-15 AD-OP-15 Datasheet
776Kb / 14P
   PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS
OP-17 AD-OP-17_15 Datasheet
793Kb / 14P
   PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP15 AD-OP15 Datasheet
429Kb / 12P
   Precision JFET-Input Operational Amplifiers
REV. A
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com