Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1056AMH Datasheet(PDF) 1 Page - Linear Technology

Part # LT1056AMH
Description  Precision, High Speed, JFET Input Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1056AMH Datasheet(HTML) 1 Page - Linear Technology

  LT1056AMH Datasheet HTML 1Page - Linear Technology LT1056AMH Datasheet HTML 2Page - Linear Technology LT1056AMH Datasheet HTML 3Page - Linear Technology LT1056AMH Datasheet HTML 4Page - Linear Technology LT1056AMH Datasheet HTML 5Page - Linear Technology LT1056AMH Datasheet HTML 6Page - Linear Technology LT1056AMH Datasheet HTML 7Page - Linear Technology LT1056AMH Datasheet HTML 8Page - Linear Technology LT1056AMH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1055/LT1056
Precision, High Speed,
JFET Input Operational Amplifiers
+
0V TO 10V
INPUT
10kHZ
TRIM
5k
4.7k
15V
2N3906
15V
–15V
LT1055/56 TA01
–15V
= 1N4148
3M
0.001 (POLYSTYRENE)
0.1µF
THE LOW OFFSET VOLTAGE OF LT1056
CONTRIBUTES ONLY 0.1Hz OF ERROR
WHILE ITS HIGH SLEW RATE PERMITS
10kHz OPERATION.
0.1µF
22k
1.5k
LM329
3.3M
7
6
4
3
2
33pF
*1% FILM
OUTPUT
1Hz TO 10kHz
0.005%
LINEARITY
LT1056
DESCRIPTION
FEATURES
s
Guaranteed Offset Voltage
150
µV Max
–55
°C to 125°C
500
µV Max
s
Guaranteed Drift
4
µV/°C Max
s
Guaranteed Bias Current
70
°C
150pA Max
125
°C
2.5nA Max
s
Guaranteed Slew Rate
12V/
µs Min
APPLICATIONS
s
Precision, High Speed Instrumentation
s
Logarithmic Amplifiers
s
D/A Output Amplifiers
s
Photodiode Amplifiers
s
Voltage-to-Frequency Converters
s
Frequency-to-Voltage Converters
s
Fast, Precision Sample-and-Hold
The LT1055/LT1056 JFET input operational amplifiers
combine precision specifications with high speed perfor-
mance.
For the first time, 16V/
µs slew rate and 6.5MHz gain-ban-
width product are simultaneously achieved with offset
voltage of typically 50
µV, 1.2µV/°C drift, bias currents of
40pA at 70
°C and 500pA at 125°C.
The 150
µV maximum offset voltage specification is the
best available on any JFET input operational amplifier.
The LT1055 and LT1056 are differentiated by their operat-
ing currents. The lower power dissipation LT1055 achieves
lower bias and offset currents and offset voltage. The
additional power dissipation of the LT1056 permits higher
slew rate, bandwidth and faster settling time with a slight
sacrifice in DC performance.
The voltage-to-frequency converter shown below is one of
the many applications which utilize both the precision and
high speed of the LT1055/LT1056.
For a JFET input op amp with 23V/
µs guaranteed slew rate,
refer to the LT1022 data sheet.
and LTC are registered trademarks and LT is a trademark of Linear Technology Corporation.
TYPICAL APPLICATION
Distribution of Input Offset Voltage
(H Package)
0kHz to 10kHz Voltage-to-Frequency Converter
INPUT OFFSET VOLTAGE (
µV)
0
20
60
80
100
140
–400
0
200
LT1055/56 TA02
40
120
400
–200
VS = ±15V
TA = 25°C
634 UNITS TESTED
FROM THREE RUNS
50% TO
±60µV


Similar Part No. - LT1056AMH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1056AMH LINER-LT1056AMH Datasheet
281Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
More results

Similar Description - LT1056AMH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
LT1055 LINER-LT1055_1 Datasheet
281Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
LT1055 LINER-LT1055_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
OP-15 LINER-OP-15 Datasheet
424Kb / 4P
   Precision, High Speed JFET-Input Operational Amplifiers
LT1055S8 LINER-LT1055S8 Datasheet
162Kb / 3P
   Precision, High Speed, JFET Input Operational Amplifiers?
logo
Analog Devices
OP-16 AD-OP-16_15 Datasheet
793Kb / 14P
   PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP-15 AD-OP-15 Datasheet
776Kb / 14P
   PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS
OP-17 AD-OP-17_15 Datasheet
793Kb / 14P
   PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP15 AD-OP15 Datasheet
429Kb / 12P
   Precision JFET-Input Operational Amplifiers
REV. A
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com