Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L8C202 Datasheet(PDF) 3 Page - LOGIC Devices Incorporated

Part # L8C202
Description  512/1K/2K/4K x 9-bit Asynchronous FIFO
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L8C202 Datasheet(HTML) 3 Page - LOGIC Devices Incorporated

  L8C202 Datasheet HTML 1Page - LOGIC Devices Incorporated L8C202 Datasheet HTML 2Page - LOGIC Devices Incorporated L8C202 Datasheet HTML 3Page - LOGIC Devices Incorporated L8C202 Datasheet HTML 4Page - LOGIC Devices Incorporated L8C202 Datasheet HTML 5Page - LOGIC Devices Incorporated L8C202 Datasheet HTML 6Page - LOGIC Devices Incorporated L8C202 Datasheet HTML 7Page - LOGIC Devices Incorporated L8C202 Datasheet HTML 8Page - LOGIC Devices Incorporated L8C202 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DEVICES INCORPORATED
3
L8C201/202/203/204
512/1K/2K/4K x 9-bit Asynchronous FIFO
03/04/99–LDS.8C201/2/3/4-H
FIFO Products
4. External logic is needed to generate
a composite Full Flag (FF) and
Empty Flag (EF). This requires the
ORing of all EFs and ORing of all
FFs (i.e., all must be set to generate
the correct composite FF or EF).
5. The Retransmit (RT) function and
Half-Full Flag (HF) are not avail-
able in the Depth Expansion Mode.
Bidirectional Mode
Applications which require data
buffering between two systems (each
system capable of read and write
operations) can be achieved by pairing
FIFOs. Care must be taken to assure
that the appropriate flag is monitored
by each system (i.e., FF is monitored
on the device when W is used; EF is
monitored on the device when R is
used). Both Depth Expansion and
Width Expansion may be used in this
mode.
OPERATING MODES
Single Device Mode
A single FIFO may be used when the
application requirements are for the
number of words in a single device.
The FIFOs are in a Single Device
Configuration when the Expansion In
(XI) control input is grounded. In this
mode the Half-Full Flag (HF), which is
an active-low output, is the active
function of the combination pin XO/
HF.
Width Expansion Mode
Word width may be increased simply
by connecting the corresponding input
control signals of multiple devices.
Status flags (EF, FF, and HF) can be
detected from any one device. Any
word width can be attained by adding
additional FIFOs. Flag detection is
accomplished by monitoring the FF,
EF, and HF signals on either (any)
device used in the width expansion
configuration. Do not connect any
output signals together.
Depth Expansion (Daisy Chain) Mode
The FIFOs can easily be adapted to
applications where the requirements
are for greater than the number of
words in a single device. Any depth
can be attained by adding additional
FIFOs. The FIFOs operates in the
Depth Expansion configuration when
the following conditions are met:
1. The first device must be designated
by grounding the First Load (FL)
control input.
2. All other devices must have FL in
the HIGH state.
3. The Expansion Out (XO) pin of
each device must be tied to the
Expansion In (XI) pin of the next
device with the last device connect-
ing back to the first.


Similar Part No. - L8C202

ManufacturerPart #DatasheetDescription
logo
Zemic Europe B.V.
L8C ZEMIC-L8C Datasheet
432Kb / 3P
   Type L8C Rope Clamp Load Cell
2023.07
More results

Similar Description - L8C202

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C419 CYPRESS-CY7C419_09 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419_05 Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419 Datasheet
522Kb / 22P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
logo
Integrated Device Techn...
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com