Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT136X-500D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BT136X-500D
Description  Triacs logic level
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT136X-500D Datasheet(HTML) 2 Page - NXP Semiconductors

  BT136X-500D Datasheet HTML 1Page - NXP Semiconductors BT136X-500D Datasheet HTML 2Page - NXP Semiconductors BT136X-500D Datasheet HTML 3Page - NXP Semiconductors BT136X-500D Datasheet HTML 4Page - NXP Semiconductors BT136X-500D Datasheet HTML 5Page - NXP Semiconductors BT136X-500D Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
Triacs
BT136X series
ISOLATION LIMITING VALUE & CHARACTERISTIC
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
isol
R.M.S. isolation voltage from all
f = 50-60 Hz; sinusoidal
-
2500
V
three terminals to external
waveform;
heatsink
R.H.
≤ 65% ; clean and dustfree
C
isol
Capacitance from T2 to external f = 1 MHz
-
10
-
pF
heatsink
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-hs
Thermal resistance
full or half cycle
junction to heatsink
with heatsink compound
-
-
5.5
K/W
without heatsink compound
-
-
7.2
K/W
R
th j-a
Thermal resistance
in free air
-
55
-
K/W
junction to ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BT136X-
...
...F
...G
I
GT
Gate trigger current
V
D = 12 V; IT = 0.1 A
T2+ G+
-
5
35
25
50
mA
T2+ G-
-
8
35
25
50
mA
T2- G-
-
11
35
25
50
mA
T2- G+
-
30
70
70
100
mA
I
L
Latching current
V
D = 12 V; IGT = 0.1 A
T2+ G+
-
7
20
20
30
mA
T2+ G-
-
16
30
30
45
mA
T2- G-
-
5
20
20
30
mA
T2- G+
-
7
30
30
45
mA
I
H
Holding current
V
D = 12 V; IGT = 0.1 A
-
5
15
15
30
mA
V
T
On-state voltage
I
T = 5 A
-
1.4
1.70
V
V
GT
Gate trigger voltage
V
D = 12 V; IT = 0.1 A
-
0.7
1.5
V
V
D = 400 V; IT = 0.1 A;
0.25
0.4
-
V
T
j = 125 ˚C
I
D
Off-state leakage current
V
D = VDRM(max);
-
0.1
0.5
mA
T
j = 125 ˚C
October 1997
2
Rev 1.200


Similar Part No. - BT136X-500D

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
BT136X-500D TECCOR-BT136X-500D Datasheet
2Mb / 223P
   Thyristor Product Catalog
logo
Kersemi Electronic Co.,...
BT136X-500D KERSEMI-BT136X-500D Datasheet
1Mb / 5P
   Glass passivated triacs in a full pack
logo
NXP Semiconductors
BT136X-500D PHILIPS-BT136X-500D Datasheet
52Kb / 6P
   Triacs logic level
August 1997 Rev 1.200
More results

Similar Description - BT136X-500D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT131 UTC-UT131 Datasheet
189Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT131 PHILIPS-BT131 Datasheet
49Kb / 6P
   Triacs logic level
April 1998 Rev 1.000
BT131W PHILIPS-BT131W Datasheet
53Kb / 7P
   Triacs logic level
July 1998 Rev 1.000
BT137D PHILIPS-BT137D Datasheet
49Kb / 6P
   Triacs logic level
September 1997 Rev 1.200
logo
Unisonic Technologies
UT131 UTC-UT131_12 Datasheet
297Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT134-600D127 NXP-BT134-600D127 Datasheet
107Kb / 8P
   Triacs logic level
October 1997
logo
Suntac Electronic Corp.
BT134 SUNTAC-BT134 Datasheet
130Kb / 4P
   Triacs logic level
logo
Tiger Electronic Co.,Lt...
BT137S-600 TGS-BT137S-600 Datasheet
321Kb / 1P
   Triacs logic level
logo
NXP Semiconductors
BT137S-600D PHILIPS-BT137S-600D Datasheet
42Kb / 6P
   Triacs logic level
June 2001-Rev 1.400
BT134W PHILIPS-BT134W Datasheet
56Kb / 7P
   Triacs logic level
September 1997 Rev 1.200
BT136B PHILIPS-BT136B Datasheet
49Kb / 6P
   Triacs logic level
October 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com