Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HIN200 Datasheet(PDF) 4 Page - Harris Corporation

Part No. HIN200
Description  5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HARRIS [Harris Corporation]
Homepage  http://www.harris.com
Logo 

 
 4 page
background image
8-6
HIN202 (PDIP, SOIC, SSOP)
TOP VIEW
HIN203 (PDIP, SOIC)
TOP VIEW
Pinouts (Continued)
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
C1+
V+
C1-
C2+
C2-
R2IN
T2OUT
VCC
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
GND
V-
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
T2IN
T1IN
R1OUT
R1IN
T1OUT
GND
(V+) C1+
VCC
GND
(V-) C2-
R2OUT
T2OUT
V-
C2-
R2IN
C2+
V+ (C1-)
C1- (C1+)
V- (C2+)
C2+ (C2-)
NOTE: Pin numbers in parentheses are for SOIC Package.
VCC
+5V
2
V+
16
T1OUT
T2OUT
T1IN
T2IN
T1
T2
11
10
14
7
+5V
400k
+5V
400k
R1OUT
R1IN
R1
13
12
5k
R2OUT
R2IN
R2
8
9
5k
+10V TO -10V
VOLTAGE INVERTER
0.1
µF
6
V-
C2+
C2-
+
0.1
µF
4
5
+5V TO 10V
VOLTAGE INVERTER
C1+
C1-
+
0.1
µF
1
3
+
0.1
µF
+
GND
15
6
VCC
T1OUT
T2OUT
R1OUT
R2IN
T1IN
T2IN
R1IN
T1
+5V
+
0.1
µF
4
5
1
2
18
14 (8)
19
8 (13)
12 (10)
V+
V-
C1+
C1-
C2+
C2-
+5V
400k
GND
9
GND
17
R2OUT
NO
CONNECT
INTERNAL
-10V
SUPPLY
INTERNAL
+10V
SUPPLY
V-
C2+
C2-
13 (14)
5k
6
20
11 (12)
15
16
10 (11)
3
T2
+5V
400k
5k
HIN200 thru HIN213




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NCP1271Soft−Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch 1 2 3 4 5 MoreON Semiconductor
MAX33253V Dual RS-232 Transceiver with LCD Supply and Contrast Controller 1 2 3 4 5 MoreMaxim Integrated Products
MAX2115-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH +-15-KV ESD PROTECTION 1 2 3 4 5 MoreTI store
AD81974:1 HDMI/DVI Switch with Equalization 1 2 3 4 5 MoreAnalog Devices
DSEP2X91-06AHiPerFRED Epitaxial Diode with soft recovery 1 2 IXYS Corporation
NCS2552750 MHz Voltage Feedback Op Amp with Fast Enable Feature 1 2 3 4 5 MoreON Semiconductor
ADE7752BPolyphase Energy Metering IC with Pulsed Output 1 2 3 4 5 MoreAnalog Devices
CS5421Dual Out−of−Phase Synchronous Buck Controller with Remote Sense 1 2 3 4 5 MoreON Semiconductor
NB4L16M2.5V/3.3V 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination 1 2 3 4 5 MoreON Semiconductor
DS3181Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl