Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HIN200 Datasheet(PDF) 2 Page - Harris Corporation

Part No. HIN200
Description  5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HARRIS [Harris Corporation]
Homepage  http://www.harris.com
Logo 

 
 2 page
background image
8-4
Ordering Information
PART NO.
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HIN200CB
0 to 70
20 Ld SOIC
M20.3
HIN200IB
-40 to 85
20 Ld SOIC
M20.3
HIN201CB
0 to 70
16 Ld SOIC (W)
M16.3
HIN201IB
-40 to 85
16 Ld SOIC (W)
M16.3
HIN202CP
0 to 70
16 Ld PDIP
E16.3
HIN202CB
0 to 70
16 Ld SOIC (W)
M16.3
HIN202IP
-40 to 85
16 Ld PDIP
E16.3
HIN202CA
0 to 70
16 Ld SSOP
M16.209
HIN202IA
-40 to 85
16 Ld SSOP
M16.209
HIN202IB
-40 to 85
16 Ld SOIC (W)
M16.3
HIN202CBN
0 to 70
16 Ld SOIC (N)
M16.15
HIN202IBN
-40 to 85
16 Ld SOIC (N)
M16.15
HIN203CP
0 to 70
20 Ld PDIP
E20.3
HIN203CB
0 to 70
20 Ld SOIC (W)
M20.3
HIN204CB
0 to 70
16 Ld SOIC (W)
M16.3
HIN204IB
-40 to 85
16 Ld SOIC (W)
M16.3
HIN205CP
0 to 70
24 Ld PDIP (W)
E24.3
HIN206CP
0 to 70
24 Ld PDIP (N)
E24.3
HIN206CB
0 to 70
24 Ld SOIC
M24.3
HIN206CA
0 to 70
24 Ld SSOP
M24.209
HIN206IP
-40 to 85
24 Ld PDIP (N)
E24.3
HIN206IB
-40 to 85
24 Ld SOIC
M24.3
HIN206IA
-40 to 85
24 Ld SSOP
M24.209
HIN207CP
0 to 70
24 Ld PDIP (N)
E24.3
HIN207CB
0 to 70
24 Ld SOIC
M24.3
HIN207CA
0 to 70
24 Ld SSOP
M24.209
HIN207IP
-40 to 85
24 Ld PDIP (N)
E24.3
HIN207IB
-40 to 85
24 Ld SOIC
M24.3
HIN207IA
-40 to 85
24 Ld SSOP
M24.209
HIN208CP
0 to 70
24 Ld PDIP (N)
E24.3
HIN208CB
0 to 70
24 Ld SOIC
M24.3
HIN208CA
0 to 70
24 Ld SSOP
M24.209
HIN208IP
-40 to 85
24 Ld PDIP (N)
E24.3
HIN208IB
-40 to 85
24 Ld SOIC
M24.3
HIN208IA
-40 to 85
24 Ld SSOP
M24.209
HIN209CP
0 to 70
24 Ld PDIP (N)
E24.3
HIN209CB
0 to 70
24 Ld SOIC
M24.3
HIN209IP
-40 to 85
24 Ld PDIP (N)
E24.3
HIN209IB
-40 to 85
24 Ld SOIC
M24.3
HIN211CB
0 to 70
28 Ld SOIC
M28.3
HIN211CA
0 to 70
28 Ld SSOP
M28.209
HIN211IB
-40 to 85
28 Ld SOIC
M28.3
HIN211IA
-40 to 85
28 Ld SSOP
M28.209
HIN213CB
0 to 70
28 Ld SOIC
M28.3
HIN213CA
0 to 70
28 Ld SSOP
M28.209
HIN213IB
-40 to 85
28 Ld SOIC
M28.3
HIN213IA
-40 to 85
28 Ld SSOP
M28.209
PART NO.
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
Pin Descriptions
PIN
FUNCTION
VCC
Power Supply Input 5V
±10%, 5V ±5% (HIN200, HIN207, HIN203, and HIN205).
V+
Internally generated positive supply (+10V nominal), HIN201 and HIN209 requires +9V to +13.2V.
V-
Internally generated negative supply (-10V nominal).
GND
Ground lead. Connect to 0V.
C1+
External capacitor (+ terminal) is connected to this lead.
C1-
External capacitor (- terminal) is connected to this lead.
C2+
External capacitor (+ terminal) is connected to this lead.
C2-
External capacitor (- terminal) is connected to this lead.
TIN
Transmitter Inputs. These leads accept TTL/CMOS levels. An internal 400k
Ω pull-up resistor to VCC is connected to each lead.
TOUT
Transmitter Outputs. These are RS-232 levels (nominally
±10V).
RIN
Receiver Inputs. These inputs accept RS-232 input levels. An internal 5k
Ω pull-down resistor to GND is connected to each input.
ROUT
Receiver Outputs. These are TTL/CMOS levels.
EN, EN
Enable input. This is an active low input which enables the receiver outputs. With EN = 5V, (HIN213 EN = 0V), the outputs
are placed in a high impedance state.
SD, SD
Shutdown Input. With SD = 5V (HIN213 SD = 0V), the charge pump is disabled, the receiver outputs are in a high impedance
state (except R4 and R5 of HIN213) and the transmitters are shut off.
NC
No Connect. No connections are made to these leads.
HIN200 thru HIN213




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NCP1271Soft−Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch 1 2 3 4 5 MoreON Semiconductor
MAX33253V Dual RS-232 Transceiver with LCD Supply and Contrast Controller 1 2 3 4 5 MoreMaxim Integrated Products
MAX2115-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH +-15-KV ESD PROTECTION 1 2 3 4 5 MoreTI store
AD81974:1 HDMI/DVI Switch with Equalization 1 2 3 4 5 MoreAnalog Devices
DSEP2X91-06AHiPerFRED Epitaxial Diode with soft recovery 1 2 IXYS Corporation
NCS2552750 MHz Voltage Feedback Op Amp with Fast Enable Feature 1 2 3 4 5 MoreON Semiconductor
ADE7752BPolyphase Energy Metering IC with Pulsed Output 1 2 3 4 5 MoreAnalog Devices
CS5421Dual Out−of−Phase Synchronous Buck Controller with Remote Sense 1 2 3 4 5 MoreON Semiconductor
NB4L16M2.5V/3.3V 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination 1 2 3 4 5 MoreON Semiconductor
DS3181Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl