Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HIN200 Datasheet(PDF) 5 Page - Harris Corporation

Part No. HIN200
Description  5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HARRIS [Harris Corporation]
Homepage  http://www.harris.com
Logo 

 
 5 page
background image
8-7
HIN204 (SOIC)
TOP VIEW
HIN205 (PDIP)
TOP VIEW
Pinouts (Continued)
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
T1OUT
T2OUT
T2IN
T1IN
GND
V+
C1+
T3OUT
T4IN
T3IN
V-
C2-
C2+
C1-
T4OUT
VCC
1
2
3
4
5
6
7
8
9
10
11
12
T4OUT
T3OUT
T1OUT
T2OUT
R2IN
R2OUT
T2IN
T1IN
R1OUT
R1IN
GND
VCC
16
17
18
19
20
21
22
23
24
15
14
13
R3IN
T5IN
SD
EN
T5OUT
R4OUT
T3IN
R5OUT
R5IN
R3OUT
R4IN
T4IN
6
VCC
+5V TO 10V
VOLTAGE DOUBLER
+10V TO -10V
VOLTAGE INVERTER
T1OUT
T2OUT
T3OUT
T4OUT
T4IN
T1IN
T2IN
T3IN
T1
T2
T3
T4
+5V
+
0.1
µF
+
0.1
µF
+
0.1
µF
4
3
1
2
13
16
14
15
7
9
8
12
V+
V-
C1+
C1-
C2+
C2-
+5V
400k
+5V
400k
+5V
400k
+5V
400k
+
0.1
µF
10
11
GND
5
12
VCC
T1OUT
T1IN
T1
+5V
+
0.1
µF
6
2
3
18
1
19
24
10
400k
13
14
R1OUT
R1IN
R1
4
5
R2OUT
R2IN
R2
23
22
R3OUT
R3IN
R3
16
17
21
20
+5V
T2OUT
T2IN
+5V
T3OUT
T3IN
+5V
T4OUT
T4IN
+5V
T5OUT
T5IN
+5V
400k
400k
400k
400k
T2
T3
T4
T5
GND
9
R4IN
R5IN
R4
R5
11
15
7
8
R4OUT
R5OUT
EN
SD
5k
5k
5k
5k
5k
HIN200 thru HIN213




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NCP1271Soft−Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch 1 2 3 4 5 MoreON Semiconductor
MAX33253V Dual RS-232 Transceiver with LCD Supply and Contrast Controller 1 2 3 4 5 MoreMaxim Integrated Products
MAX2115-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH +-15-KV ESD PROTECTION 1 2 3 4 5 MoreTI store
AD81974:1 HDMI/DVI Switch with Equalization 1 2 3 4 5 MoreAnalog Devices
DSEP2X91-06AHiPerFRED Epitaxial Diode with soft recovery 1 2 IXYS Corporation
NCS2552750 MHz Voltage Feedback Op Amp with Fast Enable Feature 1 2 3 4 5 MoreON Semiconductor
ADE7752BPolyphase Energy Metering IC with Pulsed Output 1 2 3 4 5 MoreAnalog Devices
CS5421Dual Out−of−Phase Synchronous Buck Controller with Remote Sense 1 2 3 4 5 MoreON Semiconductor
NB4L16M2.5V/3.3V 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination 1 2 3 4 5 MoreON Semiconductor
DS3181Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl