Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCX30AN Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SCX30AN
Description  Precision Compensated Pressure Sensors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCX30AN Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SCX30AN Datasheet HTML 1Page - List of Unclassifed Manufacturers SCX30AN Datasheet HTML 2Page - List of Unclassifed Manufacturers SCX30AN Datasheet HTML 3Page - List of Unclassifed Manufacturers SCX30AN Datasheet HTML 4Page - List of Unclassifed Manufacturers SCX30AN Datasheet HTML 5Page - List of Unclassifed Manufacturers SCX30AN Datasheet HTML 6Page - List of Unclassifed Manufacturers SCX30AN Datasheet HTML 7Page - List of Unclassifed Manufacturers SCX30AN Datasheet HTML 8Page - List of Unclassifed Manufacturers SCX30AN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
March 1998/053
SCX - Series
Precision Compensated Pressure Sensors
Aubinger Weg 27, 82178 Puchheim, Germany
Phone 0049 - (0) 89 80 08 30, Fax 0049 - (0) 89 8 00 83 33
http://www.sensortechnics.com
Physical Construction (Cutaway Diagram) (Not drawn to scale)
APPLICATION INFORMATION
The following circuits show some typical designs using the SCX
series sensors. For specific applications information or assistance,
please contact your nearest Sensym sales office or the Sensym
factory.
Low Pressure Applications
For sensing pressures below 1 psi, the circuit shown in Figure A
uses the SCX01DN to provide a 2 to 5 V output for a 0 to 10 inch of
water column input pressure. This output signal is compatible with
many A/D converters and hence can be used to interface to a
microprocessor system. This low-cost circuit is easily adaptable
to lower full-scale pressures down to 5 inches of water column.
Circuit Description
The LM10 is used to provide a voltage reference for the excitation
voltage (V
E), and for the voltage node VREF. With this configuration,
V
E and VREF are not affected by noise or voltage variations in the
12 V power supply. R
3 is used to adjust VREF to set the initial offset
voltage at the output, V
OUT
.
The pressure signal, V
IN
, is amplified by amplifiers B
1
, and B
2
. (See
Sensym Application Note SSAN-17A for details on this amplifier)
R
2 is used to adjust the signal gain of the circuit. The output equation
is given below.
V
OUT
= V
IN
[ 2 (1+ R/
R1
)]+V
REF
For the best circuit performance, a careful selection of components
in necessary. Use wirebound pots of insure low temperature
coefficients and low longterm drift. A five-element resistor array
(10k
Ω) SIP should be used for the resistors in the amplifier stage in
order to obtain closely matched values and temperature
coefficients. All other resistors should be 1% metal film. Amplifiers
B
1, and B2 should have low offset voltage and low noise. Signal
lines should be as short as possible and the power supply should
be capacitively bypassed on the PC board.
Adjustment Procedure
1. With zero-pressure applied, adjust the offset adjust R
3,
until V
OUT
= 2.000 V
2. Apply full-scale pressure (10 in. W.C) to port B
1 and adjust the
full-scale adjust R
2
, so that V
OUT
= 5.000 V.
3. Repeat procedure if necessary.
Medical Applications
For blood pressure monitoring applications, the circuit shown in
Figure B provides a 0.5 V to 3.5 V output for a 0 to 300 mm Hg input
pressure. The circuit is easily calibrated and is not affected by
changes in the voltage supply. Because 300 mm Hg is approximately
5.8 psi, an SCX05DN is used.
Circuit Description
The circuit shown here in Figure B is very similar to that shown in
Figure A. The internal 200 mV reference voltage of the LM10 is
amplified to provide power to the sensor and to provide a voltage
reference, V
REF . This allows the circuit to operate at a supply
voltage between 5 and 20 volts without affecting performance of
the circuit. By adjusting R
3
, V
REF
is used to set the initial zero-
pressure voltage at V
OUT. The pressure signal, VIN , is amplified by
amplifiers B
1 and B2. These amplifiers should be precision op amps
with low offset voltages and high common-mode rejection. The
signal gain is adjusted by R
2
, and the overall equation for the output
voltage is given by ,
V
OUT = VIN
[ 2 (1+ R/
R1)]+VREF
Adjustment Procedure
1. With zero-pressure applied, adjust the offset adjust
R
3
, until V
OUT
= 0.500 V
2. Apply full-scale pressure (300 mm Hg) to port B
1
and adjust
R
2, until VOUT = 3.500 V.
3. Repeat procedure if necessary.


Similar Part No. - SCX30AN

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
SCX30AN SENSORTECHNICS-SCX30AN Datasheet
366Kb / 10P
   Precision compensated pressure sensors
SCX30ANC SENSORTECHNICS-SCX30ANC Datasheet
111Kb / 4P
   Low cost compensated pressure sensors
More results

Similar Description - SCX30AN

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PCOH004DP SENSORTECHNICS-PCOH004DP Datasheet
60Kb / 3P
   Precision compensated pressure sensors
PMOH004 SENSORTECHNICS-PMOH004 Datasheet
60Kb / 3P
   Precision compensated pressure sensors
HDOM010AE8H SENSORTECHNICS-HDOM010AE8H Datasheet
77Kb / 5P
   Precision compensated pressure sensors
RDOB001A2 SENSORTECHNICS-RDOB001A2 Datasheet
140Kb / 5P
   Precision compensated pressure sensors
HROM025 SENSORTECHNICS-HROM025 Datasheet
107Kb / 5P
   Precision compensated pressure sensors
RMOB001AND SENSORTECHNICS-RMOB001AND Datasheet
136Kb / 10P
   Precision compensated pressure sensors
HDOM010P SENSORTECHNICS-HDOM010P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
RCOB001A SENSORTECHNICS-RCOB001A Datasheet
102Kb / 5P
   Precision compensated pressure sensors
SCX01DN SENSORTECHNICS-SCX01DN Datasheet
366Kb / 10P
   Precision compensated pressure sensors
HDOM010-P SENSORTECHNICS-HDOM010-P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com