Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY77325 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SKY77325
Description  iPAC??PAM for Quad-Band GSM / GPRS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77325 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SKY77325 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77325 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY77325 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY77325 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY77325 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY77325 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY77325 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY77325 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY77325 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
PRELIMINARY DATA SHEET • SKY77325
iPAC™ PAM FOR QUAD-BAND GSM / GPRS
Table 3. SKY77325 Electrical Specifications (1) (2 of 8)
Parameter
Symbol
Test Condition
Minimum
Typical
Maximum
Units
Spurious
Spur
All combinations of the
following parameters:
VAPC = controlled (2)
PIN = min. to max.
VCC = 2.9 V to 4.8 V
Load VSWR = 8:1,
all phase angles
No parasitic oscillation > –36 dBm
Load mismatch
Load
All combinations of the
following parameters:
VAPC = controlled (2)
PIN = min. to max.
VCC = 2.9 V to 4.8 V
Load VSWR = 10:1,
all phase angles
No module damage or permanent degradation
At fO + 20 MHz
RBW = 100 kHz
VCC = 3.5 V
6.5 dBm
≤ POUT ≤ 34.5 dBm
TCASE = +25 °C
–84
–82
dBm
At fO + 10 MHz
RBW = 100 kHz
VCC = 3.5 V
6.5 dBm
≤ POUT ≤ 34.5 dBm
TCASE = +25 °C
–81
–76
dBm
Noise power
PNOISE
At 1805 to 1880 MHz
RBW = 100 kHz
VCC = 3.5 V
6.5 dBm
≤ POUT ≤ 34.5 dBm
TCASE = +25 °C
–106
–84
dBm
fO
–8
0
2fO
–30
–20
Coupling of Fundamental, 2nd, and 3rd
harmonics from the GSM band into the
DCS/PCS band
3fO
Measured at the DCS/PCS output
–15 dBm
≤ POUT ≤ 34.5 dBm
–30
–20
dBm
Power control dynamic range
PCDR
30
50
dB
POUT +14.5 to +34.5 dBm, +25 °C
–0.8
+0.8
Power control variation (4)
(Control level 5–15) 3.2
≤ VCC ≤ 4.5
PCV
POUT +14.5 to +34.5 dBm
–1.2
+1.2
dB
POUT +6.5 to +12.5 dBm, +25 °C
–0.9
+0.9
Power control variation (4)
(Control level 16–19)
PCV
POUT +6.5 to +12.5 dBm
–1.3
+1.3
dB
Power control slope
PCS
6.5 to 34.5 dBm
150
dB/V
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
May 14, 2004 • Skyworks Proprietary and Confidential Information. • Products and product information are subject to change without notice. • 103196P5


Similar Part No. - SKY77325

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77321 SKYWORKS-SKY77321 Datasheet
66Kb / 2P
   PA Module for Tri-Band EGSM / GPRS
SKY77321 SKYWORKS-SKY77321 Datasheet
490Kb / 17P
   PA Module for Tri-Band EGSM / GPRS
SKY77324 SKYWORKS-SKY77324 Datasheet
3Mb / 24P
   iPAC PAM for Quad-Band GSM / GPRS
SKY77328 SKYWORKS-SKY77328 Datasheet
1Mb / 19P
   iPAC PAM for Quad-Band GSM/GPRS
More results

Similar Description - SKY77325

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77328 SKYWORKS-SKY77328 Datasheet
1Mb / 19P
   iPAC PAM for Quad-Band GSM/GPRS
SKY77318 SKYWORKS-SKY77318 Datasheet
808Kb / 19P
   iPAC PAM for Quad-Band GSM/GPRS
SKY77324 SKYWORKS-SKY77324 Datasheet
3Mb / 24P
   iPAC PAM for Quad-Band GSM / GPRS
SKY77500 SKYWORKS-SKY77500 Datasheet
1Mb / 20P
   SKY77500 iPAC??FEM for Quad-Band GSM / GPRS
SKY77346 SKYWORKS-SKY77346 Datasheet
107Kb / 2P
   iPAC??PA Module for Quad-Band GSM / GPRS
SKY77547 SKYWORKS-SKY77547 Datasheet
82Kb / 2P
   Tx-Rx iPAC Front-End Module - Quad-Band GSM/GPRS
SKY77518-11 SKYWORKS-SKY77518-11 Datasheet
78Kb / 2P
   Tx?밨x iPAC FEM for Dual-Band GSM/GPRS
logo
TriQuint Semiconductor
TQM7M5050 TRIQUINT-TQM7M5050_15 Datasheet
249Kb / 1P
   Quad-Band GSM/EDGE 5x3.5 PAM
TQM7M5050 TRIQUINT-TQM7M5050 Datasheet
249Kb / 1P
   Quad-Band GSM/EDGE 5x3.5 PAM
logo
Quectel Wireless Soluti...
M95 QUECTEL-M95 Datasheet
1Mb / 2P
   Quad-band GSM/GPRS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com