Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC106ARX66TG Datasheet(PDF) 8 Page - Motorola, Inc

Part # MPC106ARX66TG
Description  PCI Bridge/Memory Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC106ARX66TG Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MPC106ARX66TG Datasheet HTML 4Page - Motorola, Inc MPC106ARX66TG Datasheet HTML 5Page - Motorola, Inc MPC106ARX66TG Datasheet HTML 6Page - Motorola, Inc MPC106ARX66TG Datasheet HTML 7Page - Motorola, Inc MPC106ARX66TG Datasheet HTML 8Page - Motorola, Inc MPC106ARX66TG Datasheet HTML 9Page - Motorola, Inc MPC106ARX66TG Datasheet HTML 10Page - Motorola, Inc MPC106ARX66TG Datasheet HTML 11Page - Motorola, Inc MPC106ARX66TG Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
MPC106 PCI Bridge/Memory Controller Hardware Specifications
Electrical and Thermal Characteristics
Figure 2 provides the SYSCLK input timing diagram.
Figure 2. SYSCLK Input Timing Diagram
1.4.2.2 Input AC Specifications
Table 7 provides the input AC timing specifications for the 106 as defined in Figure 3 and Figure 4. These
specifications are for operation between 16.67 and 33.33 MHz PCI bus clock (SYSCLK) frequencies.
Assume Vdd = AVdd = 3.3 ± 5% V DC, GND = 0 V DC, and 0
≤ T
j ≤ 105 °C.
Table 6. Clock AC Timing Specifications
Num
Characteristic
SYSCLK/Core
33/66 MHz
SYSCLK/Core
33/83.3 MHz
Unit
Notes
Min
Max
Min
Max
60x processor bus (core) frequency
16.67
66
16.67
83.3
MHz
1
VCO frequency
120
200
120
200
MHz
1, 2
SYSCLK frequency
16.67
33.33
16.67
33.33
MHz
1
1
SYSCLK cycle time
30.0
60.0
30.0
60.0
ns
2, 3
SYSCLK rise and fall time
2.0
2.0
ns
3
4
SYSCLK duty cycle measured at 1.4 V
40
60
40
60
%
4
SYSCLK jitter
±200
±200
ps
5
106 internal PLL relock time
100
100
µs
4, 6
Notes:
1 Caution: The SYSCLK frequency and PLL[0–3] settings must be chosen such that the resulting SYSCLK (bus)
frequency, CPU (core) frequency, and PLL (VCO) frequency do not exceed their respective maximum or minimum
operating frequencies. Refer to the PLL[0–3] signal description in Section 1.8, “System Design Information,” for
valid PLL[0–3] settings, and to Section 1.9, “Document Revision History,” for available frequencies and part
numbers.
2 VCO operating range for extended temperature devices is different. Refer to MPC106ARXTGPNS/D for more
information.
3 Rise and fall times for the SYSCLK input are measured from 0.4 V to 2.4 V.
4 Timing is guaranteed by design and characterization and is not tested.
5 The total input jitter (short-term and long-term combined) must be under ±200 ps.
6 PLL-relock time is the maximum time required for PLL lock after a stable Vdd, AVdd, and SYSCLK are reached
during the power-on reset sequence. This specification also applies when the PLL has been disabled and
subsequently re-enabled during the sleep and suspend power-saving modes. Also note that HRST must be held
asserted for a minimum of 255 bus clocks after the PLL-relock time (100
µs) during the power-on reset sequence.
VM
VM = Midpoint Voltage (1.4 V)
2
3
CVIL
CVIH
1
SYSCLK
VM
VM
4
4


Similar Part No. - MPC106ARX66TG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC106ARX66TG NXP-MPC106ARX66TG Datasheet
443Kb / 28P
   MPC106 PCI Bridge/Memory Controller Hardware Specifications
Rev. 6
More results

Similar Description - MPC106ARX66TG

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC107A ATMEL-PC107A Datasheet
453Kb / 50P
   PCI Bridge Memory Controller
logo
NXP Semiconductors
MPC105 NXP-MPC105 Datasheet
422Kb / 24P
   MPC105 PCI Bridge/Memory Controller Hardware Specifications
5/95
MPC106EC NXP-MPC106EC Datasheet
443Kb / 28P
   MPC106 PCI Bridge/Memory Controller Hardware Specifications
Rev. 6
logo
Intel Corporation
82434LX INTEL-82434LX Datasheet
2Mb / 191P
   PCI, CACHE AND MEMORY CONTROLLER PCMC
logo
Texas Instruments
PCI2040 TI-PCI2040 Datasheet
308Kb / 79P
[Old version datasheet]   PCI2040 PCI-DSP Bridge controller
PCI2040PGE TI-PCI2040PGE Datasheet
292Kb / 78P
[Old version datasheet]   PCI2040 PCI-DSP Bridge Controller
PCI2040 TI1-PCI2040_06 Datasheet
319Kb / 78P
[Old version datasheet]   PCI2040 PCI-DSP Bridge Controller
logo
NXP Semiconductors
UCB1500 PHILIPS-UCB1500 Datasheet
1,001Kb / 58P
   PCI to AC97 bridge/host controller
Rev. 01 -4 February 2000
logo
Toshiba Semiconductor
TC6371AF TOSHIBA-TC6371AF Datasheet
614Kb / 58P
   PCI to SD Memory Card / SmartMedia??Interface Controller
logo
Texas Instruments
PCI2040 TI1-PCI2040_13 Datasheet
444Kb / 88P
[Old version datasheet]   PCI-to-PCI Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com