Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD64F2633RF28 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD64F2633RF28
Description  Series of Microcomputers (MCUs: microcomputer units)
Download  1453 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2633RF28 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD64F2633RF28 Datasheet HTML 1Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 2Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 3Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 4Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 5Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 6Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 7Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 8Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 1453 page
background image
General Precautions on the Handling of Products
1. Treatment of NC Pins
Note:
Do not connect anything to the NC pins.
The NC (not connected) pins are either not connected to any of the internal circuitry; or
are used as test pins or to reduce noise. If something is connected to the NC pins, the
operation of the LSI is not guaranteed.
2. Treatment of Unused Input Pins
Note:
Fix all unused input pins to high or low level.
Generally, the input pins of CMOS products are high-impedance input pins. If unused pins
are in their open states, intermediate levels are induced by noise in the vicinity, a pass-
through current flows internally, and a malfunction may occur.
3. Processing before Initialization
Note:
When power is first supplied, the product’s state is undefined. The states of internal
circuits are undefined until full power is supplied throughout the chip and a low level is
input on the reset pin. During the period where the states are undefined, the register
settings and the output state of each pin are also undefined. Design your system so that it
does not malfunction because of processing while it is in this undefined state. For those
products which have a reset function, reset the LSI immediately after the power supply has
been turned on.
4. Prohibition of Access to Undefined or Reserved Address
Note:
Access to undefined or reserved addresses is prohibited.
The undefined or reserved addresses may be used to expand functions, or test registers
may have been be allocated to these address. Do not access these registers: the system’s
operation is not guaranteed if they are accessed.


Similar Part No. - HD64F2633RF28

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F2633R RENESAS-HD64F2633R Datasheet
7Mb / 1487P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
HD64F2633R RENESAS-HD64F2633R Datasheet
7Mb / 1487P
   16-Bit Single-Chip Microcomputer
HD64F2633R RENESAS-HD64F2633R Datasheet
7Mb / 1489P
   Renesas 16-Bit Single-Chip Microcomputer
More results

Similar Description - HD64F2633RF28

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5604P FREESCALE-MPC5604P Datasheet
1Mb / 84P
   microcontroller units (MCUs)
MPC5634M FREESCALE-MPC5634M_09 Datasheet
2Mb / 118P
   microcontroller units (MCUs)
logo
Motorola, Inc
MC68HC08AS32 MOTOROLA-MC68HC08AS32 Datasheet
1Mb / 394P
   M68HC08 Family of 8-bit microcontroller units (MCUs)
MC68HC908GP32 MOTOROLA-MC68HC908GP32 Datasheet
3Mb / 410P
   M68HC08 Family of 8-bit microcontroller units (MCUs)
logo
Toshiba Semiconductor
PN410106 TOSHIBA-PN410106 Datasheet
1Mb / 61P
   Microcomputers / Microcomputer Development Systems
logo
Freescale Semiconductor...
68HC05JB3 FREESCALE-68HC05JB3 Datasheet
1Mb / 134P
   8-bit microcontroller units (MCUs)
logo
NXP Semiconductors
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
   The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
logo
Mitsubishi Electric Sem...
M37736EHLXXXHP MITSUBISHI-M37736EHLXXXHP Datasheet
448Kb / 36P
   PROM VERSION OF M37736MHLXXXHP(MICROCOMPUTERS)
M37733EHB MITSUBISHI-M37733EHB Datasheet
600Kb / 34P
   PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
M37733EHL MITSUBISHI-M37733EHL Datasheet
726Kb / 35P
   PROM VERSION OF M37733MHLXXXHP(MICROCOMPUTERS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com