Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC78622NE Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC78622NE
Description  Compact Disc Player DSP
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78622NE Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC78622NE Datasheet HTML 1Page - Sanyo Semicon Device LC78622NE Datasheet HTML 2Page - Sanyo Semicon Device LC78622NE Datasheet HTML 3Page - Sanyo Semicon Device LC78622NE Datasheet HTML 4Page - Sanyo Semicon Device LC78622NE Datasheet HTML 5Page - Sanyo Semicon Device LC78622NE Datasheet HTML 6Page - Sanyo Semicon Device LC78622NE Datasheet HTML 7Page - Sanyo Semicon Device LC78622NE Datasheet HTML 8Page - Sanyo Semicon Device LC78622NE Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
No. 6015-5/31
LC78622NE
One-Bit D/A Converter Analog Characteristics
at Ta = 25°C, VDD = LVDD = RVDD = 5 V, VSS = LVSS = RVSS = 0 V
Note: Measured with the normal-speed playback mode in the Sanyo one-bit D/A converter block reference digital attenuator circuit set to EE (hexadecimal).
Parameter
Symbol
Conditions
min
typ
max
Unit
Total harmonic distortion
THD + N
LCHO, RCHO; 1 kHz: 0 dB data input,
0.009
0.012
%
using the 20 kHz low-pass filter (AD725D built in)
LCHO, RCHO; 1 kHz: –60 dB data input,
Dynamic range
DR
using the 20 kHz low-pass filter and the A filter
87
90
dB
(AD725D built in)
LCHO, RCHO; 1 kHz: 0 dB data input,
Signal-to-noise ratio
S/N
using the 20 kHz low-pass filter and the A filter
93
95
dB
(AD725D built in)
Crosstalk
CT
LCHO, RCHO; 1 kHz: 0 dB data input,
82
84
dB
using the 20 kHz low-pass filter (AD725D built in)
Figure 1 Command Input


Similar Part No. - LC78622NE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
More results

Similar Description - LC78622NE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78628E SANYO-LC78628E Datasheet
241Kb / 40P
   Compact Disc Player DSP with Built-in HDCD Decoder
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com