Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1021D Datasheet(PDF) 11 Page - Honeywell Solid State Electronics Center

Part # HMC1021D
Description  1- and 2-Axis Magnetic Sensors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HMC1021D Datasheet(HTML) 11 Page - Honeywell Solid State Electronics Center

Back Button HMC1021D Datasheet HTML 7Page - Honeywell Solid State Electronics Center HMC1021D Datasheet HTML 8Page - Honeywell Solid State Electronics Center HMC1021D Datasheet HTML 9Page - Honeywell Solid State Electronics Center HMC1021D Datasheet HTML 10Page - Honeywell Solid State Electronics Center HMC1021D Datasheet HTML 11Page - Honeywell Solid State Electronics Center HMC1021D Datasheet HTML 12Page - Honeywell Solid State Electronics Center HMC1021D Datasheet HTML 13Page - Honeywell Solid State Electronics Center HMC1021D Datasheet HTML 14Page - Honeywell Solid State Electronics Center HMC1021D Datasheet HTML 15Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
LINEAR MAGNETIC FIELD SENSORS
11
Low Power—For low power application, down to 3.3 volt
supply, the circuit shown in Figure 15 can be used. These
low threshold FETs provide low on-resistance (0.3
Ω) at
VGS=2.7V. The set/reset pulsing does not need to be
continuous. To save power, the SET pulse can be initially
applied followed by a single RESET pulse. The offset (OS)
can be calculated as:
OS = (Vset + Vrst)/2
This offset term will contain the DC offset of both the sensor
bridge and interface electronics, as well as the temperature
drift of the bridge and interface electronics. Store this value
and subtract it from all future bridge output readings. Once
the bridge is RESET, it will remain in that state for years—
or until a disturbing field (>20 gauss) is applied. A timer can
be set, say every 10 minutes, to periodically update the
offset term. A flow chart is shown in Figure 14 along with a
timing diagram in Figure 15 to illustrate this process.
Figure 13—Set/Reset Pulse With Clock Control (1021/1022)
Figure 15—Single Clock Set/Reset Pulse Circuit (1021/1022)
Figure 14—Low Power Set/Rst Flowchart
SET Pulse
Read Vset
RESET Pulse
Read Vrst
OS = (Vset+Vrst)/2
Vout = Vrst - OS
Timer
expired?
Read Vrst
y
n
9,15
1µF (1)
+5 to 6V
14
HMC1022
Clock
S/R
1
2
4
3
5,6
7,8
(1) Tantalum, low R
(2) Rds ~0.2 ohm
200
8
set
rst
set
Clock
S/R
4 to14V
-4 to -14V
TPW ~ 2 µsec
5V
set
reset
IRF7105 (2)
DI9952 (2)
0.1µF
Ta
Reset
Set
S/R
Vp
-Vp
Ta > 5 µsec
Tb > 1 µsec
Tc > 20 µsec, 50 msec(max)
TPW ~ 2 µsec
Td > 20 µsec
Vp > 3 V
TPW
set
reset
Tb
Ta
Tc
read
Vset
read
Vrst
Td
Td
Vout
1µF (1)
+3.3 to
6.5V
Reset
NDS9933
2,4
1,3
5,6,7,8
(1) Tantalum, low R
(2) Rds ~0.2 ohm
Set
200
5,6,7,8
1,3
2,4
NDS8926
9,15
14
HMC1022
S/R
8
0.1µF
+


Similar Part No. - HMC1021D

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HMC1021 HONEYWELL-ACC-HMC1021 Datasheet
1Mb / 15P
   1- and 2-Axis Magnetic Sensors
logo
Hittite Microwave Corpo...
HMC1021LP4E HITTITE-HMC1021LP4E Datasheet
2Mb / 24P
   RMS POWER DETECTOR & ENVELOPE TRACKER, DC - 3.9 GHz
logo
Analog Devices
HMC1021LP4E AD-HMC1021LP4E Datasheet
2Mb / 26P
   RMS POWER DETECTOR & ENVELOPE TRACKER
logo
Honeywell Accelerometer...
HMC1021S HONEYWELL-ACC-HMC1021S Datasheet
1Mb / 15P
   1- and 2-Axis Magnetic Sensors
HMC1021S-TR HONEYWELL-ACC-HMC1021S-TR Datasheet
1Mb / 15P
   1- and 2-Axis Magnetic Sensors
More results

Similar Description - HMC1021D

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HMC1001-RC HONEYWELL-ACC-HMC1001-RC Datasheet
1Mb / 15P
   1- and 2-Axis Magnetic Sensors
logo
List of Unclassifed Man...
HMC1051 ETC-HMC1051 Datasheet
330Kb / 8P
   1 AND 2-AXIS MAGNETIC SENSORS
logo
Honeywell Accelerometer...
HMC1021Z-RC HONEYWELL-ACC-HMC1021Z-RC Datasheet
1Mb / 15P
   1- and 2-Axis Magnetic Sensors
HMC1052L-TR HONEYWELL-ACC-HMC1052L-TR Datasheet
662Kb / 11P
   1, 2 and 3 Axis Magnetic Sensors
logo
Honeywell Solid State E...
HMC105X HONEYWELL-HMC105X Datasheet
895Kb / 12P
   1, 2 AND 3-AXIS MAGNETIC SENSORS
HMC1051 HONEYWELL-HMC1051_06 Datasheet
687Kb / 12P
   1, 2 and 3 Axis Magnetic Sensors
logo
List of Unclassifed Man...
HMC1052 ETC-HMC1052 Datasheet
698Kb / 4P
   Two-Axis Magnetic Sensors
HMC1041Z ETC-HMC1041Z Datasheet
248Kb / 6P
   1-Axis Magnetic Sensor
logo
Honeywell Solid State E...
HMC1042L HONEYWELL-HMC1042L Datasheet
409Kb / 6P
   2-Axis Magnetic Sensor
logo
List of Unclassifed Man...
HMC1052L ETC-HMC1052L Datasheet
151Kb / 1P
   2-AXIS MAGNETIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com