Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR1910V80 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # DCR1910V80
Description  Phase Control Thyristor Preliminary Information
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1910V80 Datasheet(HTML) 3 Page - Dynex Semiconductor

  DCR1910V80 Datasheet HTML 1Page - Dynex Semiconductor DCR1910V80 Datasheet HTML 2Page - Dynex Semiconductor DCR1910V80 Datasheet HTML 3Page - Dynex Semiconductor DCR1910V80 Datasheet HTML 4Page - Dynex Semiconductor DCR1910V80 Datasheet HTML 5Page - Dynex Semiconductor DCR1910V80 Datasheet HTML 6Page - Dynex Semiconductor DCR1910V80 Datasheet HTML 7Page - Dynex Semiconductor DCR1910V80 Datasheet HTML 8Page - Dynex Semiconductor DCR1910V80 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SEMICONDUCTOR
DCR1910V85
3/9
www.dynexsemi.com
DYNAMIC CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min.
Max.
Units
IRRM/IDRM
Peak reverse and off-state current
At VRRM/VDRM, Tcase = 125°C
-
300
mA
dV/dt
Max. linear rate of rise of off-state voltage
To 67% VDRM, Tj = 125°C, gate open
-
1500
V/µs
dI/dt
Rate of rise of on-state current
From 67% VDRM to 2x IT(AV)
Repetitive 50Hz
-
150
A/µs
Gate source 30V, 10
Ω,
Non-repetitive
-
300
A/µs
tr < 0.5µs, Tj = 125°C
VT(TO)
Threshold voltage – Low level
100A to1000A at Tcase = 125°C
-
0.9
V
Threshold voltage – High level
1000A to 7200A at Tcase = 125°C
-
1.3
V
rT
On-state slope resistance – Low level
100A to 1000A at Tcase = 125°C
-
0.888
m
On-state slope resistance – High level
1000A to 7200A at Tcase = 125°C
-
0.55
m
tgd
Delay time
VD = 67% VDRM, gate source 30V, 10
TBD
TBD
µs
tr = 0.5µs, Tj = 25°C
tq
Turn-off time
Tj = 125°C, V R = 200V, dI/dt = 1A/µs,
-
1200
µs
dVDR/dt = 20V/µs linear
QS
Stored charge
IT = 2000A, Tj = 125°C, dI/dt – 1A/µs,
4800
8000
µC
IL
Latching current
Tj = 25°C, V D = 5V
TBD
TBD
mA
IH
Holding current
Tj = 25°C, R G-K =
∞, ITM = 500A, IT = 5A
TBD
TBD
mA


Similar Part No. - DCR1910V80

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1910V80 DYNEX-DCR1910V80 Datasheet
194Kb / 10P
   Phase Control Thyristor
More results

Similar Description - DCR1910V80

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR840F DYNEX-DCR840F Datasheet
139Kb / 9P
   Phase Control Thyristor Preliminary Information
DCR720E DYNEX-DCR720E Datasheet
134Kb / 9P
   Phase Control Thyristor Preliminary Information
DCR5980Z DYNEX-DCR5980Z Datasheet
126Kb / 9P
   Phase Control Thyristor Target Information
DCR1660Y DYNEX-DCR1660Y Datasheet
139Kb / 9P
   Phase Control Thyristor Target Information
DCR1021SF DYNEX-DCR1021SF Datasheet
211Kb / 11P
   Phase Control Thyristor Target Information
DCR1260Y DYNEX-DCR1260Y Datasheet
147Kb / 10P
   Phase Control Thyristor Target Information
MP03TT300 DYNEX-MP03TT300 Datasheet
148Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP04TT600 DYNEX-MP04TT600 Datasheet
264Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP02TT200 DYNEX-MP02TT200 Datasheet
127Kb / 9P
   Dual Thyristor Water Cooled Module Preliminary Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
   PRELIMINARY INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com