Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1117M-2.5 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # B1117M-2.5
Description  1.0Amp Low Dropout Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B1117M-2.5 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  B1117M-2.5 Datasheet HTML 1Page - List of Unclassifed Manufacturers B1117M-2.5 Datasheet HTML 2Page - List of Unclassifed Manufacturers B1117M-2.5 Datasheet HTML 3Page - List of Unclassifed Manufacturers B1117M-2.5 Datasheet HTML 4Page - List of Unclassifed Manufacturers B1117M-2.5 Datasheet HTML 5Page - List of Unclassifed Manufacturers B1117M-2.5 Datasheet HTML 6Page - List of Unclassifed Manufacturers B1117M-2.5 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B1117
SOT223 Package
Advance Information- These data sheets contain descriptions of products that are in development. The specifications are based on the engineering calculations,
computer simulations and/ or initial prototype evaluation.
Preliminary Information- These data sheets contain minimum and maximum specifications that are based on the initial device characterizations. These limits are
subject to change upon the completion of the full characterization over the specified temperature and supply voltage ranges.
The application circuit examples are only to explain the representative applications of the devices and are not intended to guarantee any circuit
design or permit any industrial property right to other rights to execute. Bay Linear takes no responsibility for any problems related to any
industrial property right resulting from the use of the contents shown in the data book. Typical parameters can and do vary in different
applications. Customer’s technical experts must validate all operating parameters including “ Typical” for each customer application.
LIFE SUPPORT AND NUCLEAR POLICY
Bay Linear products are not authorized for and should not be used within life support systems which are intended for surgical
implants into the body to support or sustain life, in aircraft, space equipment, submarine, or nuclear facility applications without
the specific written consent of Bay Linear President.
0.116
0.124
0.146
0.130
0.295
0.264
0.041
0.033
0.0905 NOM
0.181 NOM
0.264
0.248
0.0040
0.0008
0.033
0.025
0.146
0.130
10
°C Max
0.014
0.010
10°C
16°C
10°C
16°C
16°C


Similar Part No. - B1117M-2.5

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
B111 INTRONICS-B111 Datasheet
189Kb / 2P
   1WATT DC-DC CONVERTERS
logo
Lite-On Technology Corp...
B1110 LITEON-B1110 Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
DB Lectro Inc
B1112AA1 DBLECTRO-B1112AA1 Datasheet
195Kb / 1P
   FEMALE HEADER PROFILE : 8.6mm RIGHT ANGLE
B1112AB1 DBLECTRO-B1112AB1 Datasheet
195Kb / 1P
   FEMALE HEADER PROFILE : 8.6mm RIGHT ANGLE
B1112AC1 DBLECTRO-B1112AC1 Datasheet
195Kb / 1P
   FEMALE HEADER PROFILE : 8.6mm RIGHT ANGLE
More results

Similar Description - B1117M-2.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B033 ETC2-B033 Datasheet
350Kb / 7P
   1.0Amp Low Dropout Voltage Regulator
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com