Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3053E Datasheet(PDF) 6 Page - Harris Corporation

Part # CA3053E
Description  Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3053E Datasheet(HTML) 6 Page - Harris Corporation

Back Button CA3053E Datasheet HTML 2Page - Harris Corporation CA3053E Datasheet HTML 3Page - Harris Corporation CA3053E Datasheet HTML 4Page - Harris Corporation CA3053E Datasheet HTML 5Page - Harris Corporation CA3053E Datasheet HTML 6Page - Harris Corporation CA3053E Datasheet HTML 7Page - Harris Corporation CA3053E Datasheet HTML 8Page - Harris Corporation CA3053E Datasheet HTML 9Page - Harris Corporation CA3053E Datasheet HTML 10Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
7-11
NOTES:
17. For Power Gain Test.
18. For Noise Figure Test.
FIGURE 7. POWER GAIN AND NOISE FIGURE TEST CIRCUIT
(DIFFERENTIAL AMPLIFIER CONFIGURATION)
FOR CA3028A AND CA3028B
FIGURE 8. OUTPUT POWER TEST CIRCUIT FOR CA3028A
AND CA3028B
FIGURE 9. AGC RANGE TEST CIRCUIT (DIFFERENTIAL
AMPLIFIER) FOR CA3028A AND CA3028B
FIGURE 10. TRANSFER CHARACTERISTIC (VOLTAGE GAIN) TEST
CIRCUIT (10.7MHz) CASCODE CONFIGURATION FOR
CA3028A, CA3028B AND CA3053
Test Circuits (Continued)
ICUT
6
1
5
50
Ω SIGNAL
SOURCE
(NOTE 17) OR
NOISE DIODE
50
Ω RF
VOLTMETER
(NOTE 17) OR
NOISE AMP
(NOTE 18)
C2
C1
L1
(NOTE 18)
0.001
µF
2k
7
VCC
L2
1k
f
(MHz)
C1
(pF)
C2
(pF)
L1
(
µH)
L2
(
µH)
10.7
30 - 60 20 - 50
3 - 6
3 - 6
100
2 - 15
2 - 15
0.2 - 0.5
0.2 - 0.5
3
8
5k
ICUT
6
7
8
5
1
3
0.01
50
0.01
µF
OUTPUT
VCC
50
2k
INPUT
1k
0.01
µF
VCC
0.01
µF
µF
ICUT
6
1
5
C2
C1
L1
2k
7
VCC
L2
1k
f
(MHz)
C1
(pF)
C2
(pF)
L1
(
µH)
L2
(
µH)
10.7
30 - 60 20 - 50
3 - 6
3 - 6
100
2 - 15
2 - 15
0.2 - 0.5
0.2 - 0.5
3
8
5k
50
Ω RF
VOLTMETER
50
SIGNAL
SOURCE
0.001
µF
ICUT
6
1
8
3
7
0.01
µF
2
INPUT
0.01
µF
50
4
5
0.01
µF
2k
0.01
µF
1k
Ω LOAD
10
OUTPUT
1k
VCC
CA3028A, CA3028B, CA3053


Similar Part No. - CA3053E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3054 INTERSIL-CA3054 Datasheet
208Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054 RENESAS-CA3054 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Intersil Corporation
CA3054M96 INTERSIL-CA3054M96 Datasheet
208Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
CA3054M96 INTERSIL-CA3054M96 Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054M96 RENESAS-CA3054M96 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
More results

Similar Description - CA3053E

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA3028A HARRIS-CA3028A_99 Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3028A INTERSIL-CA3028A Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
CA3054 INTERSIL-CA3054 Datasheet
208Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
CA3054 INTERSIL-CA3054_05 Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054 RENESAS-CA3054 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Intersil Corporation
CA-3086 INTERSIL-CA-3086 Datasheet
180Kb / 7P
   Power Applications from DC to 120MHz
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com