Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDS3C20GTA Datasheet(PDF) 5 Page - EPCOS

Part # CDS3C20GTA
Description  CeraDiode Reliable ESD protection of single lines
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CDS3C20GTA Datasheet(HTML) 5 Page - EPCOS

  CDS3C20GTA Datasheet HTML 1Page - EPCOS CDS3C20GTA Datasheet HTML 2Page - EPCOS CDS3C20GTA Datasheet HTML 3Page - EPCOS CDS3C20GTA Datasheet HTML 4Page - EPCOS CDS3C20GTA Datasheet HTML 5Page - EPCOS CDS3C20GTA Datasheet HTML 6Page - EPCOS CDS3C20GTA Datasheet HTML 7Page - EPCOS CDS3C20GTA Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CeraDiode
CDS3 Series
SMD type, case size 0603
B72500D***
Data sheet
Dimensional drawing
l
b
s
k
Symb.
Min.
Max.
Unit
l
1.45
1.75
mm
b
0.7
0.9
mm
s
0.7
0.9
mm
k
0.1
0.4
mm
Recommended solder pads
Symb.
Dim.
Unit
A
1.0
mm
B
1.0
mm
C
1.0
mm
D
3.0
mm
D
C
B
B
A
A
ISSUE DATE
07.10.2004
ISSUE
g
PUBLISHER
KB VS PE
PAGE
5/8


Similar Part No. - CDS3C20GTA

ManufacturerPart #DatasheetDescription
logo
EPCOS
CDS3C05HDMI1 EPCOS-CDS3C05HDMI1 Datasheet
556Kb / 22P
   High-speed series
CDS3C16GTH EPCOS-CDS3C16GTH Datasheet
556Kb / 22P
   High-speed series
CDS3C30GTH EPCOS-CDS3C30GTH Datasheet
556Kb / 22P
   High-speed series
More results

Similar Description - CDS3C20GTA

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
PESD36VS2UT UMW-PESD36VS2UT Datasheet
516Kb / 4P
   Unidirectional ESD protection of two lines
PESDXL5UF UMW-PESDXL5UF Datasheet
360Kb / 7P
   ESD protection of up to five lines
logo
Shanghai Yint Electroni...
ESD5V0K5 YINT-ESD5V0K5 Datasheet
712Kb / 4P
   Five-Lines ESD Protection
ESD5V0J4 YINT-ESD5V0J4 Datasheet
668Kb / 4P
   Four-Lines ESD Protection
logo
Guangdong Youtai Semico...
PESDXXXL2UM UMW-PESDXXXL2UM Datasheet
331Kb / 5P
   Uni-directional ESD protection of two lines or bi-directional ESD protection of one line
logo
Shanghai Yint Electroni...
ESD5V0L3 YINT-ESD5V0L3 Datasheet
485Kb / 3P
   Three-Lines ESD Protection
logo
Infineon Technologies A...
ESD114-U1-02 INFINEON-ESD114-U1-02 Datasheet
975Kb / 14P
   ESD / Transient protection of high speed data lines exceeding
logo
Nexperia B.V. All right...
PESD48VV2BT NEXPERIA-PESD48VV2BT Datasheet
212Kb / 11P
   ESD protection for 48V lines
2 May 2022
PESDXUSB3S NEXPERIA-PESDXUSB3S Datasheet
1,002Kb / 16P
   ESD protection for differential data lines
logo
NXP Semiconductors
PESD1USB3SZ NXP-PESD1USB3SZ Datasheet
1Mb / 19P
   ESD protection for differential data lines
Rev. 3-26 April 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com