Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3028AE Datasheet(PDF) 11 Page - Harris Corporation

Part # CA3028AE
Description  Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3028AE Datasheet(HTML) 11 Page - Harris Corporation

Back Button CA3028AE Datasheet HTML 4Page - Harris Corporation CA3028AE Datasheet HTML 5Page - Harris Corporation CA3028AE Datasheet HTML 6Page - Harris Corporation CA3028AE Datasheet HTML 7Page - Harris Corporation CA3028AE Datasheet HTML 8Page - Harris Corporation CA3028AE Datasheet HTML 9Page - Harris Corporation CA3028AE Datasheet HTML 10Page - Harris Corporation CA3028AE Datasheet HTML 11Page - Harris Corporation CA3028AE Datasheet HTML 12Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
7-16
FIGURE 32. FORWARD TRANSADMITTANCE (Y21) vs
FREQUENCY (DIFFERENTIAL AMPLIFIER
CONFIGURATION)
FIGURE 33. OUTPUT ADMITTANCE (Y22) vs FREQUENCY
(CASCODE CONFIGURATION)
FIGURE 34. OUTPUT ADMITTANCE (Y22) vs FREQUENCY
(DIFFERENTIAL AMPLIFIER CONFIGURATION)
FIGURE 35. OUTPUT POWER vs FREQUENCY - 50
Ω INPUT
AND 50
Ω OUTPUT (DIFFERENTIAL AMPLIFIER
CONFIGURATION) FOR CA3028A AND CA3028B
FIGURE 36. AGC CHARACTERISTICS FOR CA3028A AND
CA3028B
FIGURE 37. TRANSFER CHARACTERISTICS (CASCODE
CONFIGURATION)
Typical Performance Curves (Continued)
FREQUENCY (MHz)
1
100
10
b21
g21
-40
DIFFERENTIAL AMPLIFIER CONFIGURATION
TA = 25
oC, V
CC = +9V
-10
0
IC OF EACH TRANSISTOR = 2.2mA
-30
-20
10
20
30
FREQUENCY (MHz)
1
100
b22
CASCODE CONFIGURATION, TA = 25
oC
IC(STAGE) = 4.5mA, VCC = +9V
-0.06
-0.04
-0.02
0
10
g22
-0.08
3
2
1
0
FREQUENCY (MHz)
1
100
b22
0.2
0.3
0.4
0.6
10
g22
0.1
0
0.5
2
1.5
1.0
0.5
0
DIFFERENTIAL AMPLIFIER CONFIGURATION,
IC OF EACH TRANSISTOR = 2.2mA, VCC = +9V
TA = 25
oC
DIFFERENTIAL AMPLIFIER CONFIGURATION
TA = 25
oC, CONSTANT POWER INPUT = 2µW
FREQUENCY (MHz)
10
100
1
10
VCC = +12V
VCC = +9V
DIFFERENTIAL AMPLIFIER CONFIGURATION
TA = 25
oC, V
CC = +9V
9
8
765
4
3
210
DC BIAS VOLTAGE ON TERMINAL NO. 7 (V)
-40
-20
0
20
40
f = 10.7MHz
100MHz
VCC = +12V
VCC = +9V
INPUT VOLTAGE (V)
0
0.15
0.05
0.1
0
1
2
3
4
5
CASCODE CONFIGURATION
TA = 25
oC, f = 10.7MHz
CA3028A, CA3028B, CA3053


Similar Part No. - CA3028AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3028AE INTERSIL-CA3028AE Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
logo
Harris Corporation
CA3028AE HARRIS-CA3028AE Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
More results

Similar Description - CA3028AE

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA3028A HARRIS-CA3028A_99 Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3028A INTERSIL-CA3028A Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
CA3054 INTERSIL-CA3054 Datasheet
208Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
CA3054 INTERSIL-CA3054_05 Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054 RENESAS-CA3054 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Intersil Corporation
CA-3086 INTERSIL-CA-3086 Datasheet
180Kb / 7P
   Power Applications from DC to 120MHz
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com