Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSM200GAL120DLC Datasheet(PDF) 7 Page - eupec GmbH

Part # BSM200GAL120DLC
Description  62mm C-series module with low loss IGBT2 and EmCon diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

BSM200GAL120DLC Datasheet(HTML) 7 Page - eupec GmbH

Back Button BSM200GAL120DLC Datasheet HTML 2Page - eupec GmbH BSM200GAL120DLC Datasheet HTML 3Page - eupec GmbH BSM200GAL120DLC Datasheet HTML 4Page - eupec GmbH BSM200GAL120DLC Datasheet HTML 5Page - eupec GmbH BSM200GAL120DLC Datasheet HTML 6Page - eupec GmbH BSM200GAL120DLC Datasheet HTML 7Page - eupec GmbH BSM200GAL120DLC Datasheet HTML 8Page - eupec GmbH BSM200GAL120DLC Datasheet HTML 9Page - eupec GmbH BSM200GAL120DLC Datasheet HTML 10Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Technische Information / technical information
BSM200GAL120DLC
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
#
1
T
V
#
1
T
V
#
1
T
V
#
1
T
V
>
$
T
V
>
$
T
V
>
$
T
V
>
$
T
V
"RNi ( T3gV
"RNi ( T3gV
"RNi ( T3gV
"RNi ( T3gV
@54 ( 2X L2 ,-. (
,
@54 ( 2X L2 ,-. (
,
@54 ( 2X L2 ,-. (
,
@54 ( 2X L2 ,-. (
,
3g u7v
0
50 100 150 200 250 300 350 400
20
18
16
14
12
10
8
6
4
2
0
"RNi2 %&' ( 0 )*+
#
1
T
V
#
1
T
V
#
1
T
V
#
1
T
V
>
$
T
V
>
$
T
V
>
$
T
V
>
$
T
V
"RNi ( T @V
"RNi ( T @V
"RNi ( T @V
"RNi ( T @V
3g (
72 ,-. (
,
3g (
72 ,-. (
,
3g (
72 ,-. (
,
3g (
72 ,-. (
,
@ uLv
0
4
8
12
16
20
24
28
32
20
18
16
14
12
10
8
6
4
2
0
"RNi2 %&' ( 0 )*+
%
D
>
1
%
D
>
1
%
D
>
1
%
D
>
1
w?Hb- ( T V
w?Hb- ( T V
w?Hb- ( T V
w?Hb- ( T V
u v
0,001
0,01
0,1
1
10
0,01
0,1
1
w?Hb- 1
Ku B
v
Ku v
0
2
OO
2
00G
2 0
X
2
O
O
2 G
X
2
0
2 X) X
2
GG
1
\!
1
a
+
T
V
1
\!
1
a
+
T
V
1
\!
1
a
+
T
V
1
\!
1
a
+
T
V
>
!
T
V
>
!
T
V
>
!
T
V
>
!
T
V
3g ( T,gV
3g ( T,gV
3g ( T,gV
3g ( T,gV
,g u,v
0,0
0,5
1,0
1,5
2,0
2,5
3,0
600
540
480
420
360
300
240
180
120
60
0
%&' ( )*+
%&' ( 0 )*+


Similar Part No. - BSM200GAL120DLC

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM200GAL120DN2 SIEMENS-BSM200GAL120DN2 Datasheet
76Kb / 5P
   IGBT Power Module (Single switch with chopper diode Package with insulated metal base plate)
More results

Similar Description - BSM200GAL120DLC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSM300GB120DLC INFINEON-BSM300GB120DLC Datasheet
264Kb / 8P
   62mm C-series module with low loss IGBT2 and EmCon diode
2007-10-18 revision:3.2
logo
eupec GmbH
BSM400GA120DLC EUPEC-BSM400GA120DLC_04 Datasheet
304Kb / 8P
   62mm C-series module with low loss IGBT2 and EmCon diode
logo
Infineon Technologies A...
BSM150GB120DLC INFINEON-BSM150GB120DLC Datasheet
263Kb / 8P
   62mm C-series module with low loss IGBT2 and EmCon diode
2007-09-11 revision:3.3
logo
eupec GmbH
FF200R17KE3 EUPEC-FF200R17KE3_07 Datasheet
267Kb / 8P
   62mm C-series module with trench/fieldstop IGBT and EmCon diode
FZ400R17KE3 EUPEC-FZ400R17KE3 Datasheet
266Kb / 8P
   62mm C-series module with trench/fieldstop IGBT and EmCon diode
logo
Infineon Technologies A...
FF300R12KT4 INFINEON-FF300R12KT4 Datasheet
287Kb / 8P
   62mm C-series module with fast trench/fieldstop IGBT4 and optimized EmCon Diode
2008-01-25 revision:2.1
FF400R12KE3 INFINEON-FF400R12KE3 Datasheet
265Kb / 8P
   62mm C-Series module with trench/fieldstopp IGBT3 and EmCon High Efficiency diode
2007-09-11 revision:3.1
FD200R12KE3 INFINEON-FD200R12KE3 Datasheet
291Kb / 9P
   62mm C-series module with trench/fieldstop IGBT3 and EmCon High Efficiency diode
2008-08-06 revision:3.3
logo
eupec GmbH
FD400R12KE3_B5 EUPEC-FD400R12KE3_B5 Datasheet
274Kb / 8P
   62mm C-series module with trench/fieldstop IGBT3 and EmCon High Efficiency series diode
FF150R12KE3G EUPEC-FF150R12KE3G Datasheet
288Kb / 8P
   62mm C-series module with the trench/fieldstop IGBT3 and Emcon High Efficiency diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com