Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTA08 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CTA08
Description  8Amp - 400/600/800/1000V - TRIAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CTA08 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CTA08 Datasheet HTML 1Page - List of Unclassifed Manufacturers CTA08 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G
A2
A1
TO-220AB Isolated
(CTA08)
TO-220AB Non-Isolated
(CTB08)
G
A2
A2
A1
G
A2
A1
GENERAL NOTES
1. Minimum IGT is guaranted at 5% of IGT max.
2. For both polarities of A2 referenced to A1
3. All parameters at 25 degrees C unless otherwise specified.
4. Commutating dv/dt=50V.µsec (exponential to 200Vpk)
Absolute Maximum Ratings
CONDITIONS
SYMBOL
RATING
RMS On-State Current (full sine wave)
Tc = 110˚C
TO-220AB
IT(RMS)
8A
Tc = 100˚C
TO-220AB Iso
Non Repetitive Surge Peak On-State Current
F =50 Hz
80A
(Full Cycle, Tj Initial = 25˚C)
F =60 Hz
I
TSM
84A
I2t Value for fusing
tp = 10 ms
I2t
78A2s
Critical rate of rise of on-state current
IG=2 x IGT, tr<100 ns, Tj = 125˚C
F =120 Hz
di/dt
100A/µs
Peak Gate Current @ Tj = 125˚C
tp = 20 µs
IGM
4A
Average Gate Power Dissipation @ Tj = 125˚CPG(AV)
1W
Storage Temperature Range
Tstg
-40 to +150˚C
Operating Junction Temperature Range
Tj
-40 to +125˚C
Isolation Voltage (CTA Series only)
VISO
2500 VRMS
Electrical Characteristics
ALTERNISTOR/NO SNUBBER AND LOGIC LEVEL (3 Quadrants)
TW
SW
CW
BW
IGT MAX @ VD =12 V, RL = 30Ω NOTE 1
QI-II-III
5mA
10mA
35mA
50mA
VGT MAX @ VD =12 V, RL = 30Ω
QI-II-III
1.3V
1.3V
1.3V
1.3V
VGD MIN @ VD =VDRM, RL = 3.3kΩ
Tj = 125˚C
QI-II-III
0.2V
0.2V
0.2V
0.2V
IH MAX @ IT = 500 mA NOTE 2
10mA
15mA
35mA
50mA
IL MAX @ IG = 1.2 IGT
QI-III
10mA
25mA
50mA
70mA
IL MAX @ IG = 1.2 IGT
Q-II
15mA
30mA
60mA
80mA
dv/dt MIN @ VD = 67%VDRM (gate open) NOTE 2
Tj = 125˚C
20V/µs
40V/µs
400V/µs
1000V/µs
(di/dt)c MIN @ (dv/dt)c = 0.1 V/ms NOTE 2
Tj = 125˚C
3.5A/ms
5.4A/ms
(di/dt)c MIN @ (dv/dt)c = 10 V/ms NOTE 2
Tj = 125˚C
1.5A/ms
2.8A/ms
(di/dt)c MIN without Snubber NOTE 2 & 4
Tj = 125˚C
4.5A/ms
7A/ms
STANDARD (4 Quadrants)
C
B
IGT MAX @ VD =12 V, RL = 30Ω NOTE 1
QI-II-III
25mA
50mA
IGT MAX @ VD =12 V, RL = 30Ω NOTE 1
QIV
50mA
100mA
VGT MAX @ VD =12 V, RL = 30Ω
Q-All
1.3V
VGD MIN @ VD =VDRM, RL = 3.3kΩ
Tj = 125˚C
Q-All
0.2V
IH MAX @ IT = 500 mA NOTE 2
25mA
50mA
IL MAX @ IG = 1.2 IGT
QI-III-IV
40mA
50mA
IL MAX @ IG = 1.2 IGT
Q-II
80mA
100mA
dv/dt MIN @ VD = 67%VDRM (gate open) NOTE 2
Tj = 125˚C
200V/µs
400V/µs
(dv/dt)c MIN @ (di/dt)c = 3.5 A/ms NOTE 4
Tj = 125˚C
5V/µs
10V/µs
# Suitable for General Purpose AC Switching
# Altgernistor/No Snubber Versions for
Inductive Loads
# Logic Level Available for Use with
Microcontrollers and Low Level Devices
# IGT Range 5-50 mA (Q1)
# VDRM/VRMM 400, 600, 800, 1000V
Applications
• Phase Control
• Static Switching
• Light Dimming
• Motor Speed Control
• Kitchen Equipment
• Power Tools
• Solenoid Valve Controls:
- Dishwashers
- Washing Machines
CTA/CTB 08
8Amp - 400/600/800/1000V - TRIAC
ISO
9001 CERTIFIED
Competitive part number cross-reference available at:
www.cynergy3.com


Similar Part No. - CTA08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTA06 ETC1-CTA06 Datasheet
208Kb / 2P
   6Amp - 400/600/800/1000V - TRIAC
CTA06-1000B ETC1-CTA06-1000B Datasheet
208Kb / 2P
   6Amp - 400/600/800/1000V - TRIAC
CTA06-1000BPT ETC1-CTA06-1000BPT Datasheet
208Kb / 2P
   6Amp - 400/600/800/1000V - TRIAC
CTA06-1000BW ETC1-CTA06-1000BW Datasheet
208Kb / 2P
   6Amp - 400/600/800/1000V - TRIAC
CTA06-1000BWPT ETC1-CTA06-1000BWPT Datasheet
208Kb / 2P
   6Amp - 400/600/800/1000V - TRIAC
More results

Similar Description - CTA08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTA06 ETC1-CTA06 Datasheet
208Kb / 2P
   6Amp - 400/600/800/1000V - TRIAC
CTA24 ETC1-CTA24 Datasheet
235Kb / 2P
   24Amp - 400/600/800/1000V - TRIAC
CTA16 ETC1-CTA16 Datasheet
209Kb / 2P
   16Amp - 400/600/800/1000V - TRIAC
CYNA25 ETC1-CYNA25 Datasheet
199Kb / 2P
   25Amp - 400/600/800/1000V - SCR
CYNB55 ETC1-CYNB55 Datasheet
223Kb / 2P
   55Amp - 400/600/800/1000V - SCR
CYNB40 ETC1-CYNB40 Datasheet
70Kb / 2P
   40Amp - 400/600/800/1000V - SCR
CTA30 ETC1-CTA30 Datasheet
830Kb / 2P
   400/600/800V - TRIAC
CRNA20 ETC1-CRNA20 Datasheet
107Kb / 2P
   20Amp - 400/600/800/1200V - RECTIFIER
logo
Central Semiconductor C...
CQ89DS CENTRAL-CQ89DS Datasheet
97Kb / 2P
   2.0 AMP TRIAC 400 THRU 800 VOLTS
CQ89D CENTRAL-CQ89D Datasheet
93Kb / 2P
   2.0 AMP TRIAC 400 THRU 800 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com